Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1307 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CDK1307
Description  Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1307 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CDK1307 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
2
ADVANCE Data Sheet
Pin Assignments
Pin No.
Pin Name
Description
0
VSS
Ground connection for all power domains. Exposed pad
1, 11, 16
DVDD
Digital and I/O-ring pre driver supply voltage, 1.8V
2
CM_EXT
Common Mode voltage output
3, 4, 7
AVDD
Analog supply voltage, 1.8V
5, 6
IP, IN
Analog input (non-inverting, inverting)
8
DVDDCLK
Clock circuitry supply voltage, 1.8V
9
CLKP
Clock input, non-inverting (format: LVDS, LVPECL, CMOS/TTL, Sine Wave)
10
CLKN
Clock input, inverting. For CMOS input on CLKP, Connect CLKN to ground
12
CLK_EXT_EN
CLK_EXT signal enabled when low (zero). Tristate when high.
13
DFRMT
Data format selection. 0: Offset Binary, 1: Two's Complement
14
PD_N
Full chip Power Down mode when Low. All digital outputs reset to zero. After chip power up
always apply Power Down mode before using Active Mode to reset chip.
15
OE_N
Output Enable. Tristate when high
17, 18, 25,
26, 36, 37
OVDD
I/O ring post-driver supply voltage. Voltage range 1.7 to 3.6V
19
D_0
Output Data (LSB, 13-bit output or 1Vpp full scale range)
20
D_1
Output Data LSB, 12-bit output 2Vpp full scale range)
21
D_2
Output Data
22
D_3
Output Data
Pin Configuration
QFN-40
CDK1307
QFN-40
2
CM_EXT
4
AVDD
3
AVDD
1
DVSS
6
IN
8
DVDDCLK
7
AVDD
10
CLKN
9
CLKP
5
IP
29 D_6
27 CLK_EXT
28 D_5
30 D_7
25 OVDD
23 D_4
24 ORNG
21 D_2
22 D_3
26 OVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com