Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC2786 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2786
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2786 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2786 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2786 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC2786 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC2786 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC2786 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dated : 17/05/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SC2786
Cib(Ic=0)
Imput capacitance vs. emitter base voltage
Output capacitance vs. collector base voltage
Base collector saturation volage
vs. collector current
0.01
0.1
0.1
1
I C, mA
1
VCE(sat)
10 20
0.1
0.5
0.2
IC/IB=10
VBE(sat)
2
1
3
Collector base time constant
vs. emitter current
100
VCB, V
VEB, V
110
-0.1
1
-0.3
-1
f=1MHz
Cob(IE=0)
10
100
-20
-3
I E, mA
-10
VCB= 6V
f=31.9MHz
-10 -20
-100
-1
-0.1
I E, mA
Gain bandwidth product
vs. emitter current
1000
200
500
100
VCE= 6V
10
0.2
0.1
I C, mA
1
0.5
2
10
520
DC CURRENT GAIN vs.
COLLECTOR CURRENT
50
20
100
200
VCE= 6V
DC current gain vs.
collector emitter voltage
VCE, V
50
20
10
2
1
5
200
100
500
50
20
10
IC=1mA
10
0.2
0.2
0.1
0
0.5
1
2
5
VBE,V
0.4
0.6
1
0.8
1.2
50
20
Collector current vs.
base emitter voltage
VCE=6V
In free air
Total power dissipation vs.
ambient temperature
Ambient temperature ( C)
25
0
75
50
100
100
50
150
200
300
250
150
125
Collector current vs.
collector emitter voltage
10
0
4
2
8
6
I B=10 A
VCE (V)
8
4
12
16
20
50
30
40
20
80
70
60



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com