Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC2786 Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2786
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2786 Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2786 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2786 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC2786 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC2786 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC2786 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dated : 17/05/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SC2786
VCB=6V
output short
1
10
100
500
I C, mA
10.7MHz
100MHz
10.7MHz
20
0.2
1
100MHz
-bib
10
-bib
g ib
g ib
Input amittance vs. collector current
Reverse transfer amittance
vs. collector current
-brb
1
0.02
0.01
0.1
0.05
0.2
0.1
0.5
VCB=6V
input short
10.7MHz
10.7MHz
-g rb
I C, mA
110
100MHz
100MHz
-g rb
-brb
100
Output amittance vs. collector current
1
0.02
0.1
0.01
0.05
0.1
0.2
0.5
b oe
VCE=6V
input short
10.7MHz
100MHz
10.7MHz
I C, mA
110
100MHz
g oe
b oe
g oe
100
bie
gie
Input admittance vs. collector current
1
10
500
100
Reverse transfer admittance
vs. collector current
100MHz
g fe
0.2
20
10.7MHz
-bfe
0.2
1
I C, mA
10
0.1
0.5
0.4
0.3
VCE=6V
output short
100MHz
Forward transfer amittance
vs. collector current
10.7MHz
g fe
-bfe
0
0.1
VCE=6V
input short
I C, mA
110
-bre
100 MHz
0.01
0.1
bie
0.1
1
10.7MHz
-gre
-bre
-gre
100 MHz
10.7MHz
100
10
I C, mA
110 20
10.7MHz
gie
VCE=6V
output short
100 MHz
Forward transfer amittance
vs. collector current
0.05
0.5
10
0.02
20
20
50
f, MHz
200
100
0.2
10
100
f, MHz
50
200
0.2
1
Reverse transfer amittance vs. frequency
0.1
0.2
1
0.5
b ie
Input amittance vs. frequency
VCE=6V
I C=1mA
input short
-bre
-g re
2
1
10
5
VCE=6V
IC=1mA
input short
g ie
100
10
100MHz
500
-g fb
I C, mA
110 20
b fb
b fb 10.7MHz
100MHz
VCB=6V
output short
10.7MHz
-g fb



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com