Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3401 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # CDK3401
Description  10-bit, 100/150MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3401 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button CDK3401 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
7
Data Sheet
Current-Setting Resistor - RREF
Full-scale output current of each D/A converter is deter-
mined by the value of the resistor connected between
RREF and GND. Nominal value of RREF is found from:
RREF = 9.1 (VREF/IFS)
where IFS is the full-scale (white) output current (in amps)
from the D/A converter (without sync). Sync is 0.4 * IFS.
D/A full-scale (white) current may also be calculated from:
IFS = VFS/RL
Where VFS is the white voltage level and RL is the total
resistive load (Ω) on each D/A converter. VFS is the blank
to full-scale voltage.
Voltage Reference
All three D/A converters are supplied with a common
voltage reference. Internal bandgap voltage reference
voltage is +1.235V with a 3kΩ source resistance. An
external voltage reference may be connected to the VREF
pin, overriding the internal voltage reference.
A 0.1µF capacitor must be connected between the COMP
pin and VDD to stabilize internal bias circuitry and ensure
low-noise operation.
Voltage Reference Output/Input - VREF
An internal voltage source of +1.235V is output on the
VREF pin. An external +1.235V reference may be applied
here which overrides the internal reference. Decoupling
VREF to GND with a 0.1µF ceramic capacitor is required.
Power and Ground
Required power is a single +5.0V supply. To minimize power
supply induced noise, analog +5V should be connected
to VDD pins with 0.1µF and 0.01µF decoupling capacitors
placed adjacent to each VDD pin or pin pair.
The high slew-rate of digital data makes capacitive cou-
pling to the outputs of any D/A converter a potential
problem. Since the digital signals contain high-frequency
components of the CLK signal, as well as the video out-
put signal, the resulting data feedthrough often looks
like harmonic distortion or reduced signal-to-noise perfor-
mance. All ground pins should be connected to a common
solid ground plane for best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com