Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3401 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # CDK3401
Description  10-bit, 100/150MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3401 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button CDK3401 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK3401 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
9
Data Sheet
220µF
220µF
CLC3800
IN1
OUT1
IN2
IN3
OUT3
+Vs
OUT2
GND
75Ω
75Ω
75Ω
75Ω
220µF
75Ω
75Ω
75Ω
75Ω
75Ω
CDK3400/
CDK3401
IOR
IOB
IOG
AC-Coupling Caps
are Optional
DVD Player or STB
R
G
B
+3V or +5V
0.1µF
1.0µF
8
7
6
5
1
2
3
4
75Ω
Video Cables
75Ω
75Ω
330Ω
330Ω
CDK3400/
CDK3401
IOR
IOB
IOG
75Ω
Video Cables
+
-
+Vs
-Vs
75Ω
1/3
CLC3605
75Ω
75Ω
330Ω
330Ω
CDK3400/
CDK3401
IOR
IOB
IOG
75Ω
Video Cables
+
-
+Vs
-Vs
75Ω
1/3
CLC3605
75Ω
75Ω
75Ω
Video Cables
75Ω
75Ω
75Ω
Video Cables
Figure 6. Standard Definition Video Output Circuit Diagram
Figure 7. Graphics Output Driver Circuit Diagram
Figure 8. Standard Definition Video Distribution Circuit Diagram
Typical Application Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com