Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3403 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CDK3403
Description  8-bit, 100/150MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3403 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CDK3403 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
3
Data Sheet
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device
should not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper device
function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the
operating conditions noted on the tables and plots.
Parameter
Min
Max
Unit
Power Supply Voltage
VDD (Measured to GND)
-0.5
7.0
V
Inputs
Applied Voltage (measured to GND)(2)
-0.5
VDD + 0.5
V
Forced Current(3,4)
-10.0
10.0
mA
Outputs
Applied Voltage (measured to GND)(2)
-0.5
VDD + 0.5
V
Forced Current(3,4)
-60.0
60.0
mA
Short Circuit Duration (single output in HIGH state to GND)
unlimited
sec
Temperature
Operating, Ambient
-20
110
°C
Junction
150
°C
Lead Soldering (10 seconds)
300
°C
Vapor Phase Soldering (1 minute)
220
°C
Storage
-65
150
°C
notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Power Supply Voltage
4.75
5.0
5.25
V
fS
Conversion Rate
CDK3402
100
MSPS
CDK3403
150
MSPS
tPWH
CLK Pulsewidth, HIGH
CDK3402
3.1
ns
CDK3403
2.5
ns
tPWL
CLK Pulsewidth, LOW
CDK3402
3.1
ns
CDK3403
2.5
ns
tW
CLK Pulsewidth
CDK3402
10
ns
CDK3403
6.6
ns
tS
Input Data Setup Time
1.7
ns
th
Input Date Hold Time
0
ns
VREF
Reference Voltage, External
1.0
1.235
1.5
V
CC
Compensation Capacitor
0.1
µF
RL
Output Load
37.5
Ω
VIH
Input Voltage, Logic HIGH
2.0
VDD
V
VIL
Input Voltage, Logic LOW
GND
0.8
V
TA
Ambient Temperature, Still Air
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com