Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3403 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CDK3403
Description  8-bit, 100/150MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3403 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CDK3403 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3403 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
4
Data Sheet
Electrical Characteristics
(TA = 25°C, VDD = +5V, VREF = 1.235V, RL = 37.5Ω, RREF = 540Ω; unless otherwise noted)
symbol
parameter
conditions
Min
typ
Max
units
IDD
Power Supply Current(1)
VDD = 5.25V, TA = 0°C
125
mA
PD
Total Power Dissipation(1)
VDD = 5.25V, TA = 0°C
655
mW
RO
Output Resistance
100
kΩ
CO
Output Capacitance
IOUT = 0mA
30
pF
IIH
Input Current, HIGH
VDD = 5.25V, VIN = 2.4V
-5
µA
IIL
Input Current, LOW
VDD = 5.25V, VIN = 0.4V
5
µA
IREF
VREF Input Bias Current
0
±100
µA
VREF
Reference Voltage Output
1.235
V
VOC
Output Compliance
Referred to VDD
-0.4
0
+1.5
V
CDI
Digital Input Capacitance
4
10
pF
notes:
1. 100% tested at 25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.
Switching Characteristics
(TA = 25°C, VDD = +5V, VREF = 1.235V, RL = 37.5Ω, RREF = 590Ω; unless otherwise noted)
symbol
parameter
conditions
Min
typ
Max
units
tD
Clock to Output Delay
VDD = 4.75V, TA = 0°C
10
15
ns
tSKEW
Output Skew
1
2
ns
tR
Output Risetime
10% to 90% of Full Scale
3
ns
tF
Output Falltime
90% to 10% of Full Scale
3
ns
notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.
System Performance Characteristics
(TA = 25°C, VDD = +5V, VREF = 1.235V, RL = 37.5Ω, RREF = 590Ω; unless otherwise noted)
symbol
parameter
conditions
Min
typ
Max
units
INL
Integral Linearity Error
±0.2
±0.3
%/FS
DNL
Differential Linearity Error
±0.2
±0.3
%/FS
EDM
DAC to DAC Matching
5
10
%
PSRR
Power Supply Rejection Ratio
0.05
%/%
notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com