Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1014 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CLC1014
Description  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1014 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CLC1014 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1014 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1014 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1014 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1014 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1014 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1014 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1014 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1014 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
2
CLC1004 Pin Assignments
Pin No.
Pin Name
Description
1
OUT
Output
2
-VS
Negative supply
3
+IN
Positive input
4
-IN
Negative input
5
DIS
Disable pin. Enabled if pin is grounded, left float-
ing or pulled below VON, disabled if pin is pulled
above VOFF.
6
+VS
Positive supply
CLC3004 Pin Configuration
Pin No.
Pin Name
Description
1
-IN1
Negative input, channel 1
2
+IN1
Positive input, channel 1
3
-VS
Negative supply
4
-IN2
Negative input, channel 2
5
+IN2
Positive input, channel 2
6
-VS
Negative supply
7
-IN3
Negative input, channel 3
8
+IN3
Positive input, channel 3
9
-VS
Negative supply
10
OUT3
Output, channel 3
11
+VS
Positive supply
12
OUT2
Output, channel 2
13
+VS
Positive supply
14
DIS
Disable pin. Enabled if pin is grounded, left float-
ing or pulled below VON, disabled if pin is pulled
above VOFF.
15
OUT1
Output, channel 1
16
+VS
Positive supply
Disable Pin Truth Table
Pin
High
Low*
DIS
Disabled
Enabled
*Default Open State
CLC1004 Pin Configuration
CLC3004 Pin Configuration
2
3
6
4
+IN
+VS
-IN
1
-VS
OUT
-
+
5
DIS
2
3
4
13
14
15
16
OUT1
-VS
+VS
DIS
1
+IN1
-IN1
5
6
7
-IN3
-VS
+IN2
10
11
12
OUT2
+VS
OUT3
-IN2
+VS
8
+IN3
9
-VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com