Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1014 Datasheet (PDF) - Cadeka Microcircuits LLC.

CLC1014 Datasheet PDF - Cadeka Microcircuits LLC.
Part # CLC1014
Download  CLC1014 Download
File Size   2512.81 Kbytes
Page   20 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Single and Triple, 750MHz Amplifiers with Disable

CLC1014 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC1014 Datasheet PDF - Cadeka Microcircuits LLC.

Part # CLC1014
Download  CLC1014 Click to download

File Size   2512.81 Kbytes
Page   20 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Single and Triple, 750MHz Amplifiers with Disable

CLC1014 Datasheet (HTML) - Cadeka Microcircuits LLC.


CLC1014 Product details

General Description

The COMLINEAR CLC1004 (single with disable), CLC1014 (single), and CLC3004 (triple with disable) are high-performance, voltage feedback amplifers that provide 750MHz gain of 2 bandwidth, ±0.1dB gain flatness to 200MHz, and 1,400V/μs slew rate. This high performance exceeds the requirements of high-defnition television (HDTV) and other multimedia applications. These COMLINEAR high-performance amplifers also provide ample output current to drive multiple video loads.

The COMLINEAR CLC1004, CLC1014, and CLC3004 are designed to operate from ±5V or +5V supplies. The CLC1004 and CLC3004 offer a fast enable/disable feature to save power. While disabled, the outputs are in a high impedance state to allow for multiplexing applications. The combination of high-speed, low-power, and excellent video performance make these amplifers well suited for use in many general purpose, high-speed applications including video line driving and imaging applications.



FEATURES

■ 0.1dB gain flatness to 200MHz

■ 0.02%/0.01˚ differential gain/phase

■ 750MHz -3dB bandwidth at G = 2

■ 350MHz large signal bandwidth

■ 1,400V/μs slew rate

■ 4nV/√Hz input voltage noise

■ 100mA output current

■ 20ns enable time

■ Stable for gains of 2V/V or larger

■ Fully specifed at 5V and ±5V supplies

■ CLC1004: Pb-free SOT23-6

■ CLC1014: Pb-free SOT23-5

■ CLC3004: Pb-free SOIC-16



APPLICATIONS

■ RGB video line drivers

■ High defnition video driver

■ Video switchers and routers

■ ADC buffer

■ Active flters

■ Cable drivers

■ Imaging applications

■ Radar/communication receivers



 




Similar Part No. - CLC1014

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1014 EXAR-CLC1014 Datasheet
1Mb / 20P
Single and Triple, 750MHz Amplifiers with Disable
CLC1014IST5X EXAR-CLC1014IST5X Datasheet
1Mb / 20P
Single and Triple, 750MHz Amplifiers with Disable
More results


Similar Description - CLC1014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Cadeka Microcircuits LL...
CLC1603 CADEKA-CLC1603 Datasheet
2Mb / 22P
Single and Triple, 1.1mA, 200MHz Amplifiers
CLC1605 CADEKA-CLC1605 Datasheet
2Mb / 20P
Single and Triple, 1.5GHz Amplifiers
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
Single Supply, Dual and Triple Operational Amplifiers
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
logo
Exar Corporation
CLC1004 EXAR-CLC1004 Datasheet
1Mb / 20P
Single and Triple, 750MHz Amplifiers with Disable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com