Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1006ISO8 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC1006ISO8
Description  Single, 500MHz Voltage Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1006ISO8 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC1006ISO8 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1006ISO8 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1006ISO8 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1006ISO8 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1006ISO8 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1006ISO8 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1006ISO8 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1006ISO8 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1006ISO8 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC1006
Single, 500MHz Voltage Feedback Amplifier
Amplify the Human Experience
F E A T U R E S
n
500MHz -3dB bandwidth at G=2
n
1,400V/μs slew rate
n
0.02%/0.05˚ diff. gain/phase error
n
300MHz large signal bandwidth
n
5.5mA supply current
n
5nV/√Hz input voltage noise
n
100mA output current
n
Stable for gains ≥ 2
n
Fully specified at 5V and ±5V supplies
n
CLC1006: Pb-free SOT23-5 and SOIC8
A P P L I C A T I O N S
n
Video line drivers
n
Imaging applications
n
Professional cameras
n
Differential line receivers
n
Photodiode preamps
n
Radar or communication receivers
General Description
The COMLINEAR CLC1006 is a high-performance, voltage feedback amplifier
that offers bandwidth and slew rate usually found in current feedback am-
plifiers. The CLC1006 provides 500MHz bandwidth and 1,400V/μs slew rate
exceeding the requirements of standard-definition television and other mul-
timedia applications. The COMLINEAR CLC1006 high-performance amplifier
also provides ample output current to drive multiple video loads.
The COMLINEAR CLC1006 is designed to operate from ±5V or +5V supplies.
It consumes only 5.5mA of supply current. The combination of high-speed,
excellent video performance, and 10ns settling time make the CLC1006 well
suited for use in many general purpose, high-speed applications including
standard definition video and imaging applications.
Typical Application - Driving Dual Video Loads
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1006IST5X
SOT23-5
Yes
Yes
-40°C to +85°C
Reel
CLC1006ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
CLC1006ISO8
SOIC-8
Yes
Yes
-40°C to +85°C
Rail
Moisture sensitivity level for all parts is MSL-1.


Similar Part No. - CLC1006ISO8

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1006ISO8X EXAR-CLC1006ISO8X Datasheet
1Mb / 16P
Single, 500MHz Voltage Feedback Amplifier
More results

Similar Description - CLC1006ISO8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9621 AD-AD9621 Datasheet
45Kb / 2P
Wideband Voltage Feedback Amplifier
REV.0
AD9621 AD-AD9621 Datasheet
305Kb / 6P
Wideband Voltage Feedback Amplifier
REV.0
logo
Intersil Corporation
EL5462 INTERSIL-EL5462 Datasheet
416Kb / 9P
500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Analog Devices
AD9621 AD-AD9621_15 Datasheet
265Kb / 6P
Wideband Voltage Feedback Amplifier
REV. 0
AD9624 AD-AD9624_15 Datasheet
269Kb / 6P
Wideband Voltage Feedback Amplifier
REV. 0
logo
Intersil Corporation
EL5462IS-T7 INTERSIL-EL5462IS-T7 Datasheet
419Kb / 9P
500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Texas Instruments
THS4281 TI1-THS4281 Datasheet
2Mb / 43P
Voltage-Feedback Operational Amplifier
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
Voltage Feedback OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
Single, 500MHz Voltage Feedback Amplifier
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
500MHz Low Power Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com