Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1603 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CLC1603
Description  Single and Triple, 1.1mA, 200MHz Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1603 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CLC1603 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1603 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1603 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1603 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1603 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1603 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1603 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1603 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC1603 Datasheet HTML 17Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
13
Typical Performance Characteristics - Continued
TA = 25°C, +Vs = 5V, -VS = -5V, Rf = Rg =1.2kΩ, RL = 100Ω to GND, G = 2; unless otherwise noted.
Differential Gain & Phase AC Coupled Output
Differential Gain & Phase DC Coupled Output
Small Signal Pulse Response at +Vs = 5V, -VS = GND
Large Signal Pulse Response at +Vs = 5V, -VS = GND
Small Signal Pulse Response
Large Signal Pulse Response
-0.125
-0.1
-0.075
-0.05
-0.025
0
0.025
0.05
0.075
0.1
0.125
0
10
20
30
40
50
60
70
80
90
100
Time (ns)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
60
70
80
90
100
Time (ns)
VOUT = 4Vpp
VOUT = 2Vpp
2.375
2.4
2.425
2.45
2.475
2.5
2.525
2.55
2.575
2.6
2.625
0
10
20
30
40
50
60
70
80
90
100
Time (ns)
1
1.5
2
2.5
3
3.5
4
0
10
20
30
40
50
60
70
80
90
100
Time (ns)
VOUT = 2Vpp
VOUT = 1Vpp
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
Input Voltage (V)
DG
RL = 150Ω
AC coupled into 220 F
DP
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
Input Voltage (V)
DG
RL = 150Ω
DC coupled
DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com