Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3603 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # CLC3603
Description  Single and Triple, 1.1mA, 200MHz Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3603 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button CLC3603 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 15Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
11
Typical Performance Characteristics - Continued
TA = 25°C, +Vs = 5V, -VS = -5V, Rf = Rg =1.2kΩ, RL = 100Ω to GND, G = 2; unless otherwise noted.
Closed Loop Output Impedance vs Frequency
Input Voltage Noise
CMRR vs. Frequency
PSRR vs. Frequency
Gain Flatness
Gain Flatness at +Vs = 5V, -VS = GND
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.1
1
10
100
1000
Frequency (MHz)
VOUT = 2Vpp
RL = 150Ω
Rf = 1.1kΩ
Rf = 1.2kΩ
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.1
1
10
100
1000
Frequency (MHz)
VOUT = 2Vpp
RL = 150Ω
Rf = 1.1kΩ
Rf = 1.2kΩ
Frequency (Hz)
10k
100k
1M
10M
100M
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
VS = ±5.0V
Frequency (MHz)
0.01
0.1
1
10
100
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VS = ±5.0V
2
3
4
5
6
7
0.0001
0.001
0.01
0.1
1
Frequency (MHz)
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com