Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3603 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CLC3603
Description  Single and Triple, 1.1mA, 200MHz Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3603 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CLC3603 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3603 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
2
CLC1603 Pin Assignments
Pin No.
Pin Name
Description
1
OUT
Output
2
-VS
Negative supply
3
+IN
Positive input
4
-IN
Negative input
5
DIS
Disable. Enabled if pin is left floating or pulled
above VON, disabled if pin is grounded or pulled
below VOFF.
6
+VS
Positive supply
CLC3603 Pin Assignments
Pin No.
Pin Name
Description
1
-IN1
Negative input, channel 1
2
+IN1
Positive input, channel 1
3
-VS
Negative supply
4
-IN2
Negative input, channel 2
5
+IN2
Positive input, channel 2
6
-VS
Negative supply
7
+IN3
Positive input, channel 3
8
-IN3
Negative input, channel 3
9
DIS3
Disable pin for channel 3. Enabled if pin is left
floating or pulled above VON, disabled if pin is
grounded or pulled below VOFF.
10
OUT3
Output, channel 3
11
+VS
Positive supply
12
OUT2
Output, channel 2
13
DIS2
Disable pin for channel 2. Enabled if pin is left
floating or pulled above VON, disabled if pin is
grounded or pulled below VOFF.
14
+VS
Positive supply
15
OUT1
Output, channel 1
16
DIS1
Disable pin for channel 2. Enabled if pin is left
floating or pulled above VON, disabled if pin is
grounded or pulled below VOFF.
Disable Pin Truth Table
Pin
High* ( > (+Vs - 1.5V))
Low ( < (+Vs - 3.5V))
DIS
Enabled
Disabled
*Default Open State
CLC1603 Pin Configuration
2
3
6
4
+IN
+VS
-IN
1
-VS
OUT
-
+
5
DIS
CLC3603 Pin Configuration
2
3
4
13
14
15
16
OUT1
-VS
DIS1
+VS
1
+IN1
-IN1
5
6
7
+IN3
-VS
+IN2
10
11
12
OUT2
+VS
OUT3
-IN2
DIS2
8
-IN3
9
DIS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com