Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3613ISO14X Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC3613ISO14X
Description  Single and Triple, 1.1mA, 200MHz Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3613ISO14X Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC3613ISO14X Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC3613ISO14X Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC3613ISO14X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3613ISO14X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3613ISO14X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3613ISO14X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3613ISO14X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3613ISO14X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3613ISO14X Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC1603, CLC3603, CLC3613
Single and Triple, 1.1mA, 200MHz Amplifiers
Amplify the Human Experience
features
n
0.1dB gain flatness to 30MHz
n
0.01%/0.03˚ differential gain/phase
n
200MHz -3dB bandwidth at G = 2
n
140MHz large signal bandwidth
n
450V/μs slew rate
n
1.1mA supply current (enabled)
n
0.35mA supply current (disabled)
n
100mA output current
n
Fully specified at 5V and ±5V supplies
n
CLC1603: Pb-free SOT23-6
n
CLC3603: Pb-free SOIC-16
n
CLC3613: Pb-free SOIC-14
a pplication s
n
RGB video line drivers
n
Portable Video
n
Line drivers
n
Set top box
n
Active filters
n
Cable drivers
n
Imaging applications
n
Radar/communication receivers
General Description
The COMLINEAR CLC1603 (single with disable), CLC3603 (triple with disable),
and CLC3613 (triple) are high-performance, current feedback amplifiers that
provide 240MHz unity gain bandwidth, ±0.1dB gain flatness to 30MHz, and
450V/μs slew rate while consuming only 1.1mA of supply current. This high
performance exceeds the requirements of NTSC/PAL/HDTV video applica-
tions. These COMLINEAR high-performance amplifiers also provide ample
output current to drive multiple video loads.
The COMLINEAR CLC1603, CLC3603, and CLC3613 are designed to operate
from ±5V or +5V supplies. The CLC1603 and CLC3603 offer a enable/disable
feature to save power. While disabled, the outputs are in a high-impedance
state to allow for multiplexing applications. The combination of high-speed,
low-power, and excellent video performance make these amplifiers well suit-
ed for use in many general purpose, high-speed applications including set top
boxes, high-definition video, active filters, and cable driving applications.
Typical Application - Driving Dual Video Loads
Ordering Information
Part Number
Package
Disable Option Pb-Free
RoHS Compliant
Operating Temperature Range Packaging Method
CLC1603IST6X
SOT23-6
Yes
Yes
Yes
-40°C to +85°C
Reel
CLC3613ISO14X
SOIC-14
No
Yes
Yes
-40°C to +85°C
Reel
CLC3613ISO14
SOIC-14
No
Yes
Yes
-40°C to +85°C
Rail
CLC3603ISO16X
SOIC-16
Yes
Yes
Yes
-40°C to +85°C
Reel
CLC3603ISO16
SOIC-16
Yes
Yes
Yes
-40°C to +85°C
Rail
Moisture sensitivity level for all parts is MSL-1.


Similar Part No. - CLC3613ISO14X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC3600 EXAR-CLC3600 Datasheet
1Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC3600ISO14 CADEKA-CLC3600ISO14 Datasheet
2Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
CLC3600ISO14X CADEKA-CLC3600ISO14X Datasheet
2Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
logo
Exar Corporation
CLC3600ISO14X EXAR-CLC3600ISO14X Datasheet
1Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC3601 CADEKA-CLC3601 Datasheet
1Mb / 15P
Dual, Triple, and Quad 550MHz Amplifiers
More results

Similar Description - CLC3613ISO14X

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5250 INTERSIL-EL5250 Datasheet
630Kb / 18P
200MHz Amplifiers
February 14, 2005
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Intersil Corporation
EL5150 INTERSIL-EL5150_06 Datasheet
726Kb / 18P
200MHz Amplifiers
April 4, 2006
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Intersil Corporation
EL5150 INTERSIL-EL5150_08 Datasheet
404Kb / 18P
200MHz Amplifiers
January 16, 2008
logo
Cadeka Microcircuits LL...
CLC1004 CADEKA-CLC1004 Datasheet
2Mb / 20P
Single and Triple, 750MHz Amplifiers with Disable
CLC1605 CADEKA-CLC1605 Datasheet
2Mb / 20P
Single and Triple, 1.5GHz Amplifiers
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
Single Supply, Dual and Triple Operational Amplifiers
logo
Exar Corporation
CLC1004 EXAR-CLC1004 Datasheet
1Mb / 20P
Single and Triple, 750MHz Amplifiers with Disable
logo
Renesas Technology Corp
EL5150 RENESAS-EL5150 Datasheet
890Kb / 18P
200MHz Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com