Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2005 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC2005
Description  Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2005 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC2005 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2005 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC2005
Dual, Low Cost, +2.7V to 5.5V, 260MHz
Rail-to-Rail Amplifier
Amplify the Human Experience
F E A T U R E S
n
260MHz bandwidth
n
Fully specified at +2.7V and +5V supplies
n
Output voltage range:
0.036V to 4.953V; Vs = +5; RL = 2kΩ
n
Input voltage range:
-0.3V to +3.8V; Vs = +5
n
145V/μs slew rate
n
4.2mA supply current per amplifier
n
±55mA linear output current
n
±85mA short circuit current
n
Directly replaces AD8052 and AD8042 in
single supply applications
n
Pb-free SOIC-8 package
A P P L I C A T I O N S
n
A/D driver
n
Active filters
n
CCD imaging systems
n
CD/DVD ROM
n
Coaxial cable drivers
n
High capacitive load driver
n
Portable/battery-powered applications
n
Twisted pair driver
n
Video driver
General Description
The
Comlinear CLC2005 is a dual, low cost, voltage feedback amplifier.
This amplifier is designed to operate on +2.7V,+5V, or ±2.5V supplies. The
input voltage range extends 300mV below the negative rail and 1.2V below
the positive rail. The CLC2005 offers superior dynamic performance
with a 260MHz small signal bandwidth and 145V/μs slew rate. The
combination of low power, high output current drive, and rail-to-rail
performance make the
Comlinear CLC2005 well suited for battery-pow-
ered communication/computing systems. The combination of low cost and
high performance make the
Comlinear CLC2005 suitable for high volume
applications in both consumer and industrial applications such as wireless
phones, scanners, and color copiers.
Output Swing
Ordering Information
Part Number
Package
Pb-Free
Operating Temperature Range
Packaging Method
CLC2005ISO8
SOIC-8
Yes
-40°C to +85°C
Rail
CLC2005ISO8X
SOIC-8
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.
Time (0.5μs/div)
2.7
0
Vs = +2.7V
RL = 2kΩ
G = -1


Similar Part No. - CLC2005

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC2005 EXAR-CLC2005 Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
CLC2005IMP8EVB EXAR-CLC2005IMP8EVB Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
CLC2005IMP8MTR EXAR-CLC2005IMP8MTR Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
CLC2005IMP8X EXAR-CLC2005IMP8X Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
CLC2005ISO8EVB EXAR-CLC2005ISO8EVB Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
More results

Similar Description - CLC2005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com