Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2005IMP8EVB Datasheet (PDF) - Exar Corporation

CLC2005IMP8EVB Datasheet PDF - Exar Corporation
Part # CLC2005IMP8EVB
Download  CLC2005IMP8EVB Download
File Size   2623.37 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers

CLC2005IMP8EVB Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC2005IMP8EVB Datasheet PDF - Exar Corporation

Part # CLC2005IMP8EVB
Download  CLC2005IMP8EVB Click to download

File Size   2623.37 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers

CLC2005IMP8EVB Datasheet (HTML) - Exar Corporation


CLC2005IMP8EVB Product details

General Description
The CLC1005 (single), CLC1015 (single with disable), and CLC2005 (dual) are low cost, voltage feedback amplifers. These amplifers are designed to operate on +2.7V to +5V, or ±2.5V supplies. The input voltage range extends 300mV below the negative rail and 1.2V below the positive rail.

FEATURES
■ 260MHz bandwidth
■ Fully specifed at +2.7V and +5V supplies
■ Output voltage range:
    ❏ 0.036V to 4.953V; VS = +5; RL = 2kΩ
■ Input voltage range:
    ❏ -0.3V to +3.8V; VS = +5
■ 145V/μs slew rate
■ 4.2mA supply current
■ Power down to 127μA
■ ±55mA linear output current
■ ±85mA short circuit current
■ CLC2005 directly replaces AD8052/42/92 in single supply applications
■ CLC1005 directly replaces AD8051/41/91 in single supply applications

APPLICATIONS
■ A/D driver
■ Active flters
■ CCD imaging systems
■ CD/DVD ROM
■ Coaxial cable drivers
■ High capacitive load driver
■ Portable/battery-powered applications
■ Twisted pair driver
■ Telecom and optical terminals
■ Video driver
■ Interactive whiteboards




Similar Part No. - CLC2005IMP8EVB

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2005ISO8 CADEKA-CLC2005ISO8 Datasheet
2Mb / 13P
Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005ISO8X CADEKA-CLC2005ISO8X Datasheet
2Mb / 13P
Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
More results


Similar Description - CLC2005IMP8EVB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
logo
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com