Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1008 Datasheet (PDF) - Cadeka Microcircuits LLC.

CLC1008 Datasheet PDF - Cadeka Microcircuits LLC.
Part # CLC1008
Download  CLC1008 Download
File Size   3483.99 Kbytes
Page   17 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers

CLC1008 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC1008 Datasheet PDF - Cadeka Microcircuits LLC.

Part # CLC1008
Download  CLC1008 Click to download

File Size   3483.99 Kbytes
Page   17 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers

CLC1008 Datasheet (HTML) - Cadeka Microcircuits LLC.


CLC1008 Product details

General Description
The COMLINEAR CLC1008 (single), CLC1018 (single with disable), and CLC2008 (dual) offer superior dynamic performance with 75MHz small signal bandwidth and 50V/μs slew rate. These amplifers use only 505μA of supply current and are designed to operate from a supply range of 2.5V to 5.5V (±1.25 to ±2.75).The combination of low power, high output current drive, and rail-to-rail performance make the CLC1008, CLC1018, and CLC2008 well suited for battery-powered communication/ computing systems.

FEATURES
■  505μA supply current
■  75MHz bandwidth
■  Power down to 33μA (CLC1018)
■  Input voltage range with 5V supply: -0.3V to 3.8V
■  Output voltage range with 5V supply: 0.07V to 4.86V
■  50V/μs slew rate
■  12nV/√Hz input voltage noise
■  15mA linear output current
■  Fully specifed at 2.7V and 5V supplies
■  Replaces AD8031 in VS ≤ 5 applications
■  CLC1008: Pb-free SOT23-5, SOIC-8
■  CLC1018: Pb-free SOT23-6, SOIC--8
■  CLC2008: Pb-free MSOP-8, SOIC-8

APPLICATIONS
■  Portable/battery-powered applications
■  Mobile communications, cell phones, pagers
■  ADC buffer
■  Active flters
■  Portable test instruments
■  Signal conditioning
■  Medical Equipment
■  Portable medical instrumentation




Similar Part No. - CLC1008

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
CLC1008IST5X EXAR-CLC1008IST5X Datasheet
2Mb / 16P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
More results


Similar Description - CLC1008

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Analog Devices
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
0.5mA, 75MHz Rail-to-Rail Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com