Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1008 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CLC1008
Description  0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1008 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CLC1008 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
©2009-2011 CADEKA Microcircuits LLC
www.cadeka.com
4
Electrical Characteristics at +2.7V
TA = 25°C, Vs = +2.7V, Rf = Rg =1kΩ, RL = 1kΩ to VS/2, G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBWSS
Unity Gain -3dB Bandwidth
G = +1, VOUT = 0.05Vpp , Rf = 0
65
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT < 0.2Vpp
30
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
12
MHz
GBWP
Gain Bandwidth Product
G = +11, VOUT = 0.2Vpp
28
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 0.2V step; (10% to 90%)
7.5
ns
tS
Settling Time to 0.1%
VOUT = 1V step
60
ns
OS
Overshoot
VOUT = 1V step
10
%
SR
Slew Rate
2V step, G = -1
40
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
VOUT = 1Vpp, 1MHz
-67
dBc
HD3
3rd Harmonic Distortion
VOUT = 1Vpp, 1MHz
-72
dBc
THD
Total Harmonic Distortion
VOUT = 1Vpp, 1MHz
65
dB
en
Input Voltage Noise
> 10kHz
12
nV/√Hz
DC Performance
VIO
Input Offset Voltage
0
mV
dVIO
Average Drift
10
µV/°C
Ib
Input Bias Current
1.2
μA
dIb
Average Drift
3.5
nA/°C
IOS
Input Offset Current
30
nA
PSRR
Power Supply Rejection Ratio (1)
DC
60
66
dB
AOL
Open-Loop Gain
VOUT = VS / 2
98
dB
IS
Supply Current
per channel
470
μA
Disable Characteristics
TON
Turn On Time
0.54
μs
TOFF
Turn Off Time
4.3
μs
OFFISO
Off Isolation
5MHz, RL = 100Ω
58
dB
ISD
Disable Supply Current
per channel, DIS tied to GND
15
μA
Input Characteristics
RIN
Input Resistance
Non-inverting
9
MΩ
CIN
Input Capacitance
1.5
pF
CMIR
Common Mode Input Range
-0.3 to
1.5
V
CMRR
Common Mode Rejection Ratio
DC, VCM = 0V to VS - 1.5
74
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 1kΩ to VS / 2
0.09 to
2.53
V
RL = 10kΩ to VS / 2
0.05 to
2.6
V
IOUT
Output Current
±15
mA
ISC
Short Circuit Output Current
±30
mA
Notes:
1. 100% tested at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com