Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1008 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CLC1008
Description  0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1008 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CLC1008 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 17Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
©2009-2011 CADEKA Microcircuits LLC
www.cadeka.com
13
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in
Figures 8-14. These evaluation boards are built for dual-
supply operation. Follow these steps to use the board in a
single-supply application:
1. Short -Vs to ground.
2. Use C3 and C4, if the -VS pin of the amplifier is not
directly connected to the ground plane.
Figure 8. CEB002 & CEB003 Schematic
Figure 9. CEB002 Top View
Figure 10. CEB002 Bottom View
Figure 11. CEB003 Top View
Figure 12. CEB003 Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com