Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1008 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CLC1008
Description  0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1008 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CLC1008 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1008 Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
©2009-2011 CADEKA Microcircuits LLC
www.cadeka.com
10
Application Information
General Description
The CLC1008 family are a single supply, general purpose,
voltage-feedback amplifiers fabricated on a complementary
bipolar process. The CLC1008 offers 75MHz unity gain
bandwidth, 50V/μs slew rate, and only 505μA supply current.
It features a rail-to-rail output stage and is unity gain stable.
Figures 1, 2, and 3 illustrate typical circuit configurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
Figure 4 shows the typical non-inverting gain circuit for
single supply applicaitons.
The common mode input range extends to 300mV below
ground in single supply operation. Exceeding these values
will not cause phase reversal. However, if the input voltage
exceeds the rails by more than 0.5V, the input ESD devices
will begin to conduct.
The design uses a Darlington output stage. The output
stage is short circuit protected and offers “soft” saturation
protection that improves recovery time.
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL
Figure 1. Typical Non-Inverting Gain Circuit
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1
Figure 2. Typical Inverting Gain Circuit
+
-
0.1uF
6.8uF
Output
G = 1
Input
+Vs
-Vs
0.1uF
6.8uF
RL
Figure 3. Unity Gain Circuit
+
-
Rf
0.1μF
6.8μF
Out
In
+Vs
+
Rg
Figure 4. Single Supply Non-Inverting Gain Circuit
For optimum response at a gain of +2, a feedback resistor
of 1kΩ is recommended. Figure 5 illustrates the CLC1008
frequency response with both 1kΩ and 2kΩ feedback
resistors.
Frequency (MHz)
0.1
1
10
100
G = 2
RL = 1kΩ
Rf = 1kΩ
Rf = 2kΩ
Figure 5. Frequency Response vs. Rf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com