Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1008 Datasheet (PDF) - Exar Corporation

CLC1008 Datasheet PDF - Exar Corporation
Part # CLC1008
Download  CLC1008 Download
File Size   2338.18 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers

CLC1008 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC1008 Datasheet PDF - Exar Corporation

Part # CLC1008
Download  CLC1008 Click to download

File Size   2338.18 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers

CLC1008 Datasheet (HTML) - Exar Corporation


CLC1008 Product details

General Description
The COMLINEAR CLC1008 (single) and CLC2008 (dual) offer superior dynamic performance with 75MHz small signal bandwidth and 50V/μs slew rate. These amplifers use only 505μA of supply current and are designed to operate from a supply range of 2.5V to 5.5V (±1.25 to ±2.75).The combination of low power, high output current drive, and rail-to-rail performance make the CLC1008 and CLC2008 well suited for battery-powered communication/computing systems.

FEATURES
■  505μA supply current
■  75MHz bandwidth
■  Input voltage range with 5V supply: -0.3V to 3.8V
■  Output voltage range with 5V supply: 0.07V to 4.86V
■  50V/μs slew rate
■  12nV/√Hz input voltage noise
■  15mA linear output current
■  Fully specifed at 2.7V and 5V supplies
■  Replaces AD8031 in VS ≤ 5 applications

APPLICATIONS
■  Portable/battery-powered applications
■  Mobile communications, cell phones, pagers
■  ADC buffer
■  Active flters
■  Portable test instruments
■  Signal conditioning
■  Medical Equipment
■  Portable medical instrumentation




Similar Part No. - CLC1008

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
CLC1008ISO8X CADEKA-CLC1008ISO8X Datasheet
3Mb / 17P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
CLC1008IST5X CADEKA-CLC1008IST5X Datasheet
3Mb / 17P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
More results


Similar Description - CLC1008

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Analog Devices
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
0.5mA, 75MHz Rail-to-Rail Amplifiers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com