Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1008 Datasheet(PDF) 7 Page - Exar Corporation

Part # CLC1008
Description  0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1008 Datasheet(HTML) 7 Page - Exar Corporation

Back Button CLC1008 Datasheet HTML 3Page - Exar Corporation CLC1008 Datasheet HTML 4Page - Exar Corporation CLC1008 Datasheet HTML 5Page - Exar Corporation CLC1008 Datasheet HTML 6Page - Exar Corporation CLC1008 Datasheet HTML 7Page - Exar Corporation CLC1008 Datasheet HTML 8Page - Exar Corporation CLC1008 Datasheet HTML 9Page - Exar Corporation CLC1008 Datasheet HTML 10Page - Exar Corporation CLC1008 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
©2009-2013 Exar Corporation
7/16
Rev 2C
Typical Performance Characteristics
TA = 25°C, Vs = +5V, Rf = Rg =1kΩ, RL = 1kΩ to VS/2, G = 2; unless otherwise noted.
2nd & 3rd Harmonic Distortion
Frequency Response vs. Temperature
2nd Harmonic Distortion vs. VOUT
3rd Harmonic Distortion vs. VOUT
Frequency Response vs. VOUT
Open Loop Gain & Phase vs. Frequency
Frequency (MHz)
0.1
1
10
100
Vo = 1Vpp
Vo = 2Vpp
Vo = 4Vpp
Frequency (Hz)
-10
0
10
20
30
-180
-135
-90
-45
0
40
50
60
70
80
90
1k
100
10k
100k
1M
10M
100M
Gain
Phase
Output Amplitude (Vpp)
0.5
1
1.5
2
1MHz
500kHz
100kHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
Output Amplitude (Vpp)
0.5
1.0
1.5
2.0
1MHz
500kHz
100kHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
Frequency (MHz)
0
1
2
3
4
3rd
RL = 1kΩ
5
3rd
RL = 150Ω
2nd
RL = 150Ω
2nd
RL = 1kΩ
-90
-80
-70
-60
-50
-40
-30
-20
Vo = 1Vpp
Frequency (MHz)
0.01
1
100
10
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com