Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2005IMP8EVB Datasheet(PDF) 4 Page - Exar Corporation

Part # CLC2005IMP8EVB
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2005IMP8EVB Datasheet(HTML) 4 Page - Exar Corporation

  CLC2005IMP8EVB Datasheet HTML 1Page - Exar Corporation CLC2005IMP8EVB Datasheet HTML 2Page - Exar Corporation CLC2005IMP8EVB Datasheet HTML 3Page - Exar Corporation CLC2005IMP8EVB Datasheet HTML 4Page - Exar Corporation CLC2005IMP8EVB Datasheet HTML 5Page - Exar Corporation CLC2005IMP8EVB Datasheet HTML 6Page - Exar Corporation CLC2005IMP8EVB Datasheet HTML 7Page - Exar Corporation CLC2005IMP8EVB Datasheet HTML 8Page - Exar Corporation CLC2005IMP8EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© 2007-2015 Exar Corporation
4 / 19
exar.com/CLC1005
Rev 2D
CLC1005, CLC1015, CLC2005
Electrical Characteristics at +5V
TA = 25°C, VS = +5V, Rf = 2kΩ, RL = 2kΩ to VS/2; G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
GBWP
-3dB Gain Bandwidth Product
90
MHz
UGBW
Unity Gain Bandwidth(1)
G = +1, VOUT = 0.05Vpp
260
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp
90
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
40
MHz
Time Domain
tR, tF
Rise and Fall Time (1)
VOUT = 0.2V step
3.6
ns
tS
Settling Time to 0.1%
VOUT = 2V step
40
ns
OS
Overshoot
VOUT = 0.2V step
7
%
SR
Slew Rate
G = -1, 5V step
145
V/μs
Distortion/Noise Response
HD2
2nd Harmonic Distortion (1)
5MHz, VOUT = 2Vpp
71
dBc
HD3
3rd Harmonic Distortion (1)
5MHz, VOUT = 2Vpp
78
dBc
THD
Total Harmonic Distortion (1)
5MHz, VOUT = 2Vpp
70
dB
DG
Differential Gain
NTSC (3.85MHz), AC-Coupled, RL = 150Ω
0.06
%
NTSC (3.85MHz), DC-Coupled, RL = 150Ω
0.08
%
DP
Differential Phase
NTSC (3.85MHz), AC-Coupled, RL = 150Ω
0.07
°
NTSC (3.85MHz), DC-Coupled, RL = 150Ω
0.06
°
en
Input Voltage Noise
>1MHz
16
nV/√Hz
in
Input Current Noise
>1MHz
1.3
pA/√Hz
XTALK
Crosstalk(1)
CLC2005, 10MHz
62
dB
DC Performance
VIO
Input Offset Voltage
-8
1.4
8
mV
dVIO
Average Drift
10
μV/°C
IB
Input Bias Current
-8
3
8
μA
dIB
Average Drift
7
nA/°C
IOS
Input Offset Current
-0.8
0.1
0.8
μA
PSRR
Power Supply Rejection Ratio
DC
52
57
dB
AOL
Open Loop Gain
68
78
dB
IS
Supply Current
4.2
5.2
mA
Disable Characteristics (CLC1015)
TON
Turn On Time
150
ns
TOFF
Turn Off Time
25
ns
OFFISO
Off Isolation
5MHz, RL = 100Ω
75
dB
ISD
Disable Supply Current
DIS tied to GND
127
170
μA
Input Characteristics
RIN
Input Resistance
4.3
MΩ
CIN
Input Capacitance
1.8
pF
CMIR
Common Mode Input Range
-0.3 to
3.8
V
CMRR
Common Mode Rejection Ratio
DC, VCM = 0 to VS - 1.5V
72
87
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com