Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2059 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CLC2059
Description  Dual, Low Noise, 4V to 36V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2059 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CLC2059 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
4
Electrical Characteristics
TA = 25°C, +Vs = +15V, -Vs = -15V, Rf = Rg =2kΩ, RL = 2kΩ to VS/2, G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBWSS
Unity Gain Bandwidth
G = +1, VOUT = 0.2Vpp, VS = 5V, Rf = 0
11.7
MHz
G = +1, VOUT = 0.2Vpp, VS = 30V, Rf = 0
13.7
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp, VS = 5V
6.3
MHz
G = +1, VOUT = 0.2Vpp, VS = 30V
6.8
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 1Vpp, VS = 5V
2.8
MHz
G = +2, VOUT = 2Vpp, VS = 30V
1.7
MHz
GBWP
Gain-Bandwidth Product
15
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 0.2V step; (10% to 90%), VS = 5V
50
ns
VOUT = 0.2V step; (10% to 90%), VS = 30V
47
ns
OS
Overshoot
VOUT = 0.2V step
16
%
VOUT = 2V step
5
%
SR
Slew Rate
2V step, VS = 5V
6
V/µs
4V step, VS = 30V
7
V/µs
Distortion/Noise Response
THD
Total Harmonic Distortion
VOUT = 5V, f = 1kHz, G = 20dB
0.0005
%
en
Input Voltage Noise
> 1kHz
4
nV/√Hz
RIAA, 30kHz LPF, RS = 50Ω
0.7
μVRMS
XTALK
Crosstalk
Channel-to-channel, 500kHz, VS = 5V to 30V
67
dB
DC Performance
VIO
Input Offset Voltage (1)
RS ≤ 10kΩ
0.5
3
mV
Ib
Input Bias Current (1)
VCM = 0V
150
500
nA
IOS
Input Offset Current (1)
VCM = 0V
5
100
nA
PSRR
Power Supply Rejection Ratio (1)
RS ≤ 10kΩ
80
110
dB
AOL
Open-Loop Gain (1)
RL = ≥2kΩ, VOUT = ±10V
90
110
dB
IS
Supply Current (1)
Total, RL = ∞
3
7
mA
Input Characteristics
CMIR
Common Mode Input Range (1)
+VS = 15V, -VS = -15V
±12
±13.5
V
CMRR
Common Mode Rejection Ratio (1)
DC, VCM = 0V to +VS - 1.5V, RS ≤ 10kΩ
80
110
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 2kΩ
+13.8,
-13.0
V
RL = 10kΩ
±14.0,
-13.3
V
ISOURCE
Output Current, Sourcing
VIN+ = 1V, VIN- = 0V, VOUT = 2V
45
mA
ISINK
Output Current, Sinking
VIN+ = 0V, VIN- = 1V, VOUT = 2V
80
mA
Notes:
1. 100% tested at 25°C at VS = ±15V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com