Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2059 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC2059
Description  Dual, Low Noise, 4V to 36V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2059 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC2059 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2059 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC2059
Dual, Low Noise, 4V to 36V Amplifier
Amplify the Human Experience
F E A T U R E S
n
Unity gain stable
n
110dB voltage gain
n
0.7μVRMS (RIAA)
n
0.0005% THD
n
15MHz gain bandwidth product
n
7V/μs slew rate
n
110dB power supply rejection ratio
n
110dB common mode rejection ratio
n
4V to 36V single supply voltage range
n
±2V to ±18V dual supply voltage range
n
CLC2059: improved replacement for
OP275
n
CLC2059: Pb-free SOIC-8
A P P L I C A T I O N S
n
Active Filters
n
Audio Pre-Amplifiers
n
Audio AC-3 Decoder Systems
n
Headphone Amplifier
n
General purpose dual ampliifer
General Description
The COMLINEAR CLC2059 is a low noise, dual voltage feedback amplifier
that is internally frequency compensated to provide unity gain stability. The
CLC2059 offers 13.7MHz of unity gain bandwidth and excellent (110dB)
CMRR, PSRR, and open loop gain. The CLC2059 also features low input
voltage noise (0.7μVRMS) and low distortion (0.0005%) making it well suited
for audio applications to improve tone control. Other applications include
industrial measurement tools, pre-amplifiers, and other circuits that require
well-matched channels.
The COMLINEAR CLC2059 is designed to operate over a wide power supply
voltage range, ±2V to ±18V (4V to 36V). It utilizes an industry standard
dual amplifier pin-out and is available in a Pb-free, RoHS compliant SOIC-8
package.
Typical Application - Audio Tone Control Circuit
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC2059ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.
1/2 CLC2059
VIN
VOUT
R1
11kΩ
C1
0.05µF
C3
0.005µF
C2
0.05µF
R2
100kΩ
R4
11kΩ
R3
11kΩ
R5
3.6kΩ
R6
500kΩ
R7
3.6kΩ
+
Boost-Bass-Cut
Boost-Treble-Cut


Similar Part No. - CLC2059

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC2059 EXAR-CLC2059 Datasheet
970Kb / 13P
Dual, Low Noise, 4V to 36V Amplifier
CLC2059ISO8X EXAR-CLC2059ISO8X Datasheet
970Kb / 13P
Dual, Low Noise, 4V to 36V Amplifier
More results

Similar Description - CLC2059

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058 Datasheet
1Mb / 12P
Dual 4V to 36V Amplifier
logo
Maxim Integrated Produc...
MAX9632_1108 MAXIM-MAX9632_1108 Datasheet
1Mb / 14P
36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632_1110 MAXIM-MAX9632_1110 Datasheet
2Mb / 15P
36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058_10 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
NJM4558 CADEKA-NJM4558 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
logo
Exar Corporation
CLC2058 EXAR-CLC2058 Datasheet
985Kb / 13P
Dual 4V to 36V Amplifier
CLC2059 EXAR-CLC2059 Datasheet
970Kb / 13P
Dual, Low Noise, 4V to 36V Amplifier
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
Input Voltage Range 4V to 36V
April 1, 2012
logo
Analog Devices
LTC2058 AD-LTC2058 Datasheet
1Mb / 28P
36V, Low Noise Zero-Drift Operational Amplifier
logo
Maxim Integrated Produc...
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
36V, Precision, Low-Noise, Wide-Band Amplifier
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com