Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2058 Datasheet (PDF) - Cadeka Microcircuits LLC.

CLC2058 Datasheet PDF - Cadeka Microcircuits LLC.
Part # CLC2058
Download  CLC2058 Download
File Size   1287.64 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Dual 4V to 36V Amplifier

CLC2058 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC2058 Datasheet PDF - Cadeka Microcircuits LLC.

Part # CLC2058
Download  CLC2058 Click to download

File Size   1287.64 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Dual 4V to 36V Amplifier

CLC2058 Datasheet (HTML) - Cadeka Microcircuits LLC.


CLC2058 Product details

General Description
The COMLINEAR CLC2058 is a dual voltage feedback amplifer that is internally frequency compensated to provide unity gain stability. The CLC2058 offers 3.5MHz of bandwidth at a gain of 2. The CLC2058 also features high gain, low input voltage noise, high input resistance, and superb channel separation making it well suited for audio flter applications in set-top-boxes, DVD players, and televisions.

FEATURES
■  Unity gain stable
■  100dB voltage gain
■  5.5MHz gain bandwidth product
■  0.5MΩ input resistance
■  100dB power supply rejection ratio
■  95dB common mode rejection ratio
■  4V to 36V single supply voltage range
■  ±2V to ±18V dual supply voltage range
■  Gain and phase match between amps
■  CLC2058: improved replacement for NJM4558 and MC1458
■  CLC2058: Pb-free SOIC-8

APPLICATIONS
■  Active Filters
■  Audio Amplifers
■  Audio AC-3 Decoder Systems
■  General purpose dual ampliifer




Similar Part No. - CLC2058

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
logo
Exar Corporation
CLC2058 EXAR-CLC2058 Datasheet
985Kb / 13P
Dual 4V to 36V Amplifier
logo
Cadeka Microcircuits LL...
CLC2058ISO8X CADEKA-CLC2058ISO8X Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
logo
Exar Corporation
CLC2058ISO8X EXAR-CLC2058ISO8X Datasheet
985Kb / 13P
Dual 4V to 36V Amplifier
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058_10 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
More results


Similar Description - CLC2058

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2059 CADEKA-CLC2059 Datasheet
1Mb / 13P
Dual, Low Noise, 4V to 36V Amplifier
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058_10 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
NJM4558 CADEKA-NJM4558 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
Exar Corporation
CLC2058 EXAR-CLC2058 Datasheet
985Kb / 13P
Dual 4V to 36V Amplifier
CLC2059 EXAR-CLC2059 Datasheet
970Kb / 13P
Dual, Low Noise, 4V to 36V Amplifier
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
Input Voltage Range 4V to 36V
April 1, 2012
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com