Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM4558 Datasheet (PDF) - Cadeka Microcircuits LLC.

NJM4558 Datasheet PDF - Cadeka Microcircuits LLC.
Part # NJM4558
Download  NJM4558 Download
File Size   1243.15 Kbytes
Page   13 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Dual 4V to 36V Amplifier

NJM4558 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM4558 Datasheet PDF - Cadeka Microcircuits LLC.

Part # NJM4558
Download  NJM4558 Click to download

File Size   1243.15 Kbytes
Page   13 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Dual 4V to 36V Amplifier

NJM4558 Datasheet (HTML) - Cadeka Microcircuits LLC.


NJM4558 Product details

General Description
The NJM4558 is a dual voltage feedback amplifer that is internally frequency compensated to provide unity gain stability. The NJM4558 offers 3.5MHz of bandwidth at a gain of 2. The NJM4558 also features high gain, low input voltage noise, high input resistance, and superb channel separation making it well suited for audio flter applications in set-top-boxes, DVD players, and televisions.
The NJM4558 is designed to operate over a wide power supply voltage range, ±2V to ±18V (4V to 36V). It utilizes an industry standard dual amplifer pin out and is available in a Pb-free, RoHS compliant SOIC-8 package.

FEATURES
■ Unity gain stable
■ 100dB voltage gain
■ 5.5MHz gain bandwidth product
■ 0.5MΩ input resistance
■ 100dB power supply rejection ratio
■ 95dB common mode rejection ratio
■ 4V to 36V single supply voltage range
■ ±2V to ±18V dual supply voltage range
■ Gain and phase match between amps
■ Pb-free SOIC-8

APPLICATIONS
■ Active Filters
■ Audio Amplifers
■ Audio AC-3 Decoder Systems
■ General purpose dual ampliifer




Similar Part No. - NJM4558

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4558 NJRC-NJM4558 Datasheet
80Kb / 2P
DUAL OPERATIONAL AMPLIFIER
NJM4558 NJRC-NJM4558 Datasheet
56Kb / 2P
DUAL OPERATIONAL AMPLIFIER?
logo
Guangdong Kexin Industr...
NJM4558 KEXIN-NJM4558 Datasheet
225Kb / 2P
Dual Dperational Amplifier
logo
New Japan Radio
NJM4558 NJRC-NJM4558 Datasheet
203Kb / 4P
DUAL OPERATIONAL AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM4558 NISSHINBO-NJM4558 Datasheet
239Kb / 4P
DUAL OPERATIONAL AMPLIFIER
20250303
More results


Similar Description - NJM4558

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058 Datasheet
1Mb / 12P
Dual 4V to 36V Amplifier
CLC2059 CADEKA-CLC2059 Datasheet
1Mb / 13P
Dual, Low Noise, 4V to 36V Amplifier
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058_10 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
Exar Corporation
CLC2058 EXAR-CLC2058 Datasheet
985Kb / 13P
Dual 4V to 36V Amplifier
CLC2059 EXAR-CLC2059 Datasheet
970Kb / 13P
Dual, Low Noise, 4V to 36V Amplifier
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
Input Voltage Range 4V to 36V
April 1, 2012
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com