Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2058 Datasheet (PDF) - Exar Corporation

CLC2058 Datasheet PDF - Exar Corporation
Part # CLC2058
Download  CLC2058 Download
File Size   985.28 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Dual 4V to 36V Amplifier

CLC2058 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC2058 Datasheet PDF - Exar Corporation

Part # CLC2058
Download  CLC2058 Click to download

File Size   985.28 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Dual 4V to 36V Amplifier

CLC2058 Datasheet (HTML) - Exar Corporation


CLC2058 Product details

General Description
The COMLINEAR CLC2058 is a dual voltage feedback amplifer that is internally frequency compensated to provide unity gain stability. The CLC2058 offers 3.5MHz of bandwidth at a gain of 2. The CLC2058 also features high gain, low input voltage noise, high input resistance, and superb channel separation making it well suited for audio flter applications in set-top-boxes, DVD players, and televisions.

FEATURES
■  Unity gain stable
■  100dB voltage gain
■  5.5MHz gain bandwidth product
■  0.5MΩ input resistance
■  100dB power supply rejection ratio
■  95dB common mode rejection ratio
■  4V to 36V single supply voltage range
■  ±2V to ±18V dual supply voltage range
■  Gain and phase match between amps
■  CLC2058: improved replacement for NJM4558 and MC1458
■  CLC2058: Pb-free SOIC-8

APPLICATIONS
■  Active Filters
■  Audio Amplifers
■  Audio AC-3 Decoder Systems
■  General purpose dual ampliifer




Similar Part No. - CLC2058

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058 Datasheet
1Mb / 12P
Dual 4V to 36V Amplifier
CLC2058 CADEKA-CLC2058 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
CLC2058ISO8X CADEKA-CLC2058ISO8X Datasheet
1Mb / 12P
Dual 4V to 36V Amplifier
CLC2058ISO8X CADEKA-CLC2058ISO8X Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
CLC2058 CADEKA-CLC2058_10 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
More results


Similar Description - CLC2058

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058 Datasheet
1Mb / 12P
Dual 4V to 36V Amplifier
CLC2059 CADEKA-CLC2059 Datasheet
1Mb / 13P
Dual, Low Noise, 4V to 36V Amplifier
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058_10 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
NJM4558 CADEKA-NJM4558 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
Exar Corporation
CLC2059 EXAR-CLC2059 Datasheet
970Kb / 13P
Dual, Low Noise, 4V to 36V Amplifier
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
Input Voltage Range 4V to 36V
April 1, 2012
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com