Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2058 Datasheet(PDF) 7 Page - Exar Corporation

Part # CLC2058
Description  Dual 4V to 36V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2058 Datasheet(HTML) 7 Page - Exar Corporation

Back Button CLC2058 Datasheet HTML 3Page - Exar Corporation CLC2058 Datasheet HTML 4Page - Exar Corporation CLC2058 Datasheet HTML 5Page - Exar Corporation CLC2058 Datasheet HTML 6Page - Exar Corporation CLC2058 Datasheet HTML 7Page - Exar Corporation CLC2058 Datasheet HTML 8Page - Exar Corporation CLC2058 Datasheet HTML 9Page - Exar Corporation CLC2058 Datasheet HTML 10Page - Exar Corporation CLC2058 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
©2008-2013 Exar Corporation
7/13
Rev 1D
Typical Performance Characteristics
TA = 25°C, +Vs = +15V, -Vs = -15V, Rf = Rg =2kΩ, RL = 2kΩ to VS/2, G = 2; unless otherwise noted.
Input Offset Voltage vs. Temperature
Input Bias Current vs. Temperature
Maximum Output Voltage Swing vs. Frequency
Maximum Output Voltage Swing vs. RL
Open Loop Voltage Gain vs. Frequency
Supply Current vs. Temperature
0
20
40
60
80
100
120
0.001
0.01
0.1
1
10
100
1000
Frequency (KHz)
RL=2K
2
2.2
2.4
2.6
2.8
3
3.2
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
0
5
10
15
20
0.1
1
10
100
Frequency (KHz)
RL=2K,
THD+N<5%
-16
-12
-8
-4
0
4
8
12
16
0.1
1
10
Resistance Load (KΩ)
Postive Voltage Swing
Negative Voltage Swing
-2
-1
0
1
2
3
4
5
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com