Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2550 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CLC2550
Description  Low Power, Low Offset, 2V to 36V Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2550 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CLC2550 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
3
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device
should not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper de-
vice function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the
operating conditions noted on the tables and plots.
Parameter
Min
Max
Unit
Supply Voltage
0
40
V
Differential Input Voltage
40
V
Input Voltage
-0.3
40
V
Input Current (VIN < -0.3V) (1)
50
mA
Output Short Circuit Current to Ground
Continuous
Power Dissipation (TA = 25°C) - SOIC-8
660
mW
Power Dissipation (TA = 25°C) - SOIC-14
890
mW
Notes:
1. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistors be-
coming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This
transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is
driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3
VDC (at 25°C).
Reliability Information
Parameter
Min
Typ
Max
Unit
Junction Temperature
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10s)
260
°C
Package Thermal Resistance
SOIC-8
100
°C/W
SOIC-14
88
°C/W
Notes:
Package thermal resistance (qJA), JDEC standard, multi-layer test boards, still air.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Operating Temperature Range
-40
+85
°C
Supply Voltage Range
2 (±1)
36 (±18)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com