Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2550 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC2550
Description  Low Power, Low Offset, 2V to 36V Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2550 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC2550 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2550 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC2550, CLC4550
Low Power, Low Offset, 2V to 36V Comparators
Amplify the Human Experience
F E A T U R E S
n
2mV input offset voltage
n
25nA input bias current
n
±5nA input offset current
n
0.9mA supply current
n
CMIR includes ground
n
200mV output saturation voltage at 4mA
n
2V to 36V single supply voltage range
n
±1V to ±18V dual supply voltage range
n
Open collector output
n
Differential input voltage range equals
the power supply voltage
n
CLC2550: improved replacement for
industry standard LM393
n
CLC4550: Improved replacement for
industry standard LM339
n
CLC2550: Pb-free SOIC-8
n
CLC4550: Pb-free SOIC-14
A P P L I C A T I O N S
n
Battery charger
n
Cordless telephone
n
Switching power supply
n
DC-DC module
n
PC motherboard
n
Communication equipment
n
Widerange VCO
n
Squarewave and time delay generators
n
MOS clock timers
n
High voltage digital logic gates
n
Multivibrators
General Description
The COMLINEAR CLC2550 (dual) and CLC4550 (quad) are precision voltage
comparators with a typical offset of 2mV and high gain (200V/mV). These
comparators also offer an input common-mode voltage range that includes
ground.
The COMLINEAR CLC2550, and CLC4550 operate from a wide supply voltage
range of ±1V to ±18V, or from a single supply range of 2V to 36V. These
comparators are available in Pb-free, RoHS compliant SOIC-8 and SOIC-14
packages. They operate over the industrial temperature range of -40°C to
+85°C.
Typical Application - One Shot Multivibrator
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC2550ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
CLC4550ISO14X
SOIC-14
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.
1/4
CLCx550A
10kΩ
100pF
0.001µF
1MΩ
1MΩ
1MΩ
VOUT
+VIN
VCC
–
+


Similar Part No. - CLC2550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC2550 EXAR-CLC2550 Datasheet
1Mb / 11P
Low Power, Low Offset, 2V to 36V Comparators
CLC2550ISO8X EXAR-CLC2550ISO8X Datasheet
1Mb / 11P
Low Power, Low Offset, 2V to 36V Comparators
More results

Similar Description - CLC2550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
Hi-Sincerity Mocroelect...
H393P HSMC-H393P Datasheet
34Kb / 3P
LOW POWER LOW OFFSET VOLTAGE COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
Low Power Low Offset Voltage Comparators
TS339 TSC-TS339_09 Datasheet
218Kb / 7P
Low Power Low Offset Quad Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
Low Power Low Offset Voltage Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Exar Corporation
CLC2550 EXAR-CLC2550 Datasheet
1Mb / 11P
Low Power, Low Offset, 2V to 36V Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com