Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2600 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC2600
Description  Dual, Triple, and Quad 300MHz Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2600 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC2600 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
©2008 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC2600, CLC3600, CLC4600
Dual, Triple, and Quad 300MHz Amplifiers
Amplify the Human Experience
features
n
0.1dB gain flatness to 95MHz
n
0.03%/0.04˚ differential gain/
phase error
n
230MHz -3dB bandwidth at G = 2
n
300MHz -3dB bandwidth at G = 1
n
1,300V/μs slew rate
n
50mA output current
n
3.3mA supply current
n
Fully specified at ±5V supplies
n
CLC2600: Pb-free SOIC-8
n
CLC4600: Pb-free SOIC-14
a pplication s
n
Video line drivers
n
S-Video driver
n
Video switchers and routers
n
ADC buffer
n
Active filters
n
Cable drivers
n
Twisted pair driver/receiver
General Description
The
Comlinear CLC2600 (dual), CLC3600 (triple), and CLC4600 (quad) are
high-performance, current feedback amplifiers. These amplifiers provide
300MHz unity gain bandwidth, ±0.1dB gain flatness to 95MHz, and provide
1,300V/μs slew rate exceeding the requirements of high-definition television
(HDTV) and other multimedia applications. These
Comlinear high-performance
amplifiers also provide ample output current to drive multiple video loads.
The
Comlinear CLC2600, CLC3600, and CLC4600 are designed to operate
from ±5V supplies. They consume only 3.3mA of supply current per channel.
The combination of high-speed, low-power, and excellent video performance
make these amplifiers well suited for use in many general purpose, high-
speed applications including standard definition and high definition video.
Typical Application - Driving Dual Video Loads
Ordering Information
Part Number
Package
Pb-Free
Operating Temperature Range
Packaging Method
CLC2600ISO8X
SOIC-8
Yes
-40°C to +85°C
Reel
CLC2600ISO8
SOIC-8
Yes
-40°C to +85°C
Rail
CLC3600ISO14X
SOIC-14
Yes
-40°C to +85°C
Reel
CLC3600ISO14
SOIC-14
Yes
-40°C to +85°C
Rail
CLC4600ISO14X
SOIC-14
Yes
-40°C to +85°C
Reel
CLC4600ISO14
SOIC-14
Yes
-40°C to +85°C
Rail
Moisture sensitivity level for all parts is MSL-1.
Input
Output A
+Vs
-Vs
Rg
Rf
75Ω
75Ω
Cable
75Ω
Cable
75Ω
Cable
75Ω
75Ω
75Ω
75Ω
Output B


Similar Part No. - CLC2600

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
CLC2600ISO8X EXAR-CLC2600ISO8X Datasheet
1Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
More results

Similar Description - CLC2600

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1398 LINER-LT1398 Datasheet
229Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
Single/Dual/Triple/Quad Operational Amplifiers
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Cadeka Microcircuits LL...
CLC2601 CADEKA-CLC2601 Datasheet
1Mb / 15P
Dual, Triple, and Quad 550MHz Amplifiers
logo
Linear Technology
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
CLC2601 EXAR-CLC2601 Datasheet
1Mb / 15P
Dual, Triple, and Quad 550MHz Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com