Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2600 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CLC2600
Description  Dual, Triple, and Quad 300MHz Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2600 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CLC2600 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2600 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
4
Electrical Characteristics
TA = 25°C, Vs = ±5V, Rf = 510Ω, RL = 100Ω, G = 2; unless otherwise noted.
symbol
parameter
conditions
Min
typ
Max
units
Frequency Domain Response
UGBW
-3dB Bandwidth
G = +1, VOUT = 0.2Vpp, Rf = 1.24kΩ
300
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp
230
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 4Vpp
155
MHz
BW0.1dBSS
0.1dB Gain Flatness
G = +2, VOUT = 0.2Vpp
95
MHz
BW0.1dBLS
0.1dB Gain Flatness
G = +2, VOUT = 4Vpp
55
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 2V step; (10% to 90%)
1.8
ns
tS
Settling Time to 0.1%
VOUT = 2V step
20
ns
OS
Overshoot
VOUT = 0.2V step
2.5
%
SR
Slew Rate
4V step
1300
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
2Vpp, 1MHz
-80
dBc
HD3
3rd Harmonic Distortion
2Vpp, 1MHz
-86
dBc
THD
Total Harmonic Distortion
2Vpp, 1MHz
-79.5
dB
DG
Differential Gain
NTSC (3.58MHz), DC-coupled, RL = 150Ω
0.03
%
DP
Differential Phase
NTSC (3.58MHz), DC-coupled, RL = 150Ω
0.04
°
en
Input Voltage Noise
> 1MHz
6.4
nV/√Hz
in+
Input Current Noise (+)
> 1MHz
1.0
pA/√Hz
in-
Input Current Noise (-)
> 1MHz
9.3
pA/√Hz
XTALK
Crosstalk
Channel-to-channel 5MHz
-56
dB
DC Performance
VIO
Input Offset Voltage(1)
-8
1.4
+8
mV
dVIO
Average Drift
15
µV/°C
Ibn
Input Bias Current Non-inverting(1)
-3
1.3
3
µA
dIbn
Average Drift
2.6
nA/°C
Ibi
Input Bias Current Inverting(1)
-18
4.4
18
µA
dIbi
Average Drift
16
nA/°C
PSRR
Power Supply Rejection Ratio(1)
DC
60
65
dB
AOL
Open-Loop Transresistance
VOUT = VS / 2
580
kΩ
IS
Supply Current(1)
CLC2600 Total
6.6
10
mA
CLC3600 Total
13.2
20
mA
CLC4600 Total
13.2
20
mA
Input Characteristics
RIN
Input Resistance
Non-inverting
19
MΩ
CIN
Input Capacitance
1
pF
CMIR
Common Mode Input Range
±2.3
V
CMRR
Common Mode Rejection Ratio(1)
DC
52
57
dB
Output Characteristics
RO
Output Resistance
Closed Loop, DC
110
mΩ
VOUT
Output Voltage Swing
RL = 100Ω (1)
-2.6
±3
2.6
V
RL = 1kΩ
±3.3
V
IOUT
Output Current
50
mA
ISC
Short-Circuit Output Current
VOUT = VS / 2
67
mA
notes:
1. 100% tested at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com