Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3601 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CLC3601
Description  Dual, Triple, and Quad 550MHz Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3601 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CLC3601 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
2
CLC2601 Pin Assignments
Pin No.
Pin Name
Description
1
OUT1
Output, channel 1
2
-IN1
Negative input, channel 1
3
+IN1
Positive input, channel 1
4
-VS
Negative supply
5
+IN2
Positive input, channel 2
6
-IN2
Negative input, channel 2
7
OUT2
Output, channel 2
8
+VS
Positive supply
CLC3601 Pin Assignments
Pin No.
Pin Name
Description
1
NC
No Connect
2
NC
No Connect
3
NC
No Connect
4
+VS
Positive supply
5
+IN1
Positive input, channel 1
6
-IN1
Negative input, channel 1
7
OUT1
Output, channel 1
8
OUT3
Output, channel 3
9
-IN3
Negative input, channel 3
10
+IN3
Positive input, channel 3
11
-VS
Negative supply
12
+IN2
Positive input, channel 2
13
-IN2
Negative input, channel 2
14
OUT2
Output, channel 2
CLC4601 Pin Assignments
Pin No.
Pin Name
Description
1
OUT1
Output, channel 1
2
-IN1
Negative input, channel 1
3
+IN1
Positive input, channel 1
4
+VS
Positive supply
5
+IN2
Positive input, channel 2
6
-IN2
Negative input, channel 2
7
OUT2
Output, channel 2
8
OUT3
Output, channel 3
9
-IN3
Negative input, channel 3
10
+IN3
Positive input, channel 3
11
-VS
Negative supply
12
+IN4
Positive input, channel 4
13
-IN4
Negative input, channel 4
14
OUT4
Output, channel 4
CLC2601 Pin Configuration
CLC3601 Pin Configuration
2
3
4
5
6
7
8
OUT2
+IN1
-IN2
+IN2
1
-IN1
OUT1
-VS
+VS
CLC4601 Pin Configuration
2
3
4
11
12
13
14
-IN4
+IN1
OUT4
+IN4
1
-IN1
OUT1
5
6
7
OUT2
-IN2
+IN2
8
9
10
+IN3
-IN3
OUT3
+VS
-VS
2
3
4
11
12
13
14
-IN2
NC
OUT2
+IN2
1
NC
NC
5
6
7
OUT1
-IN1
+IN1
8
9
10
+IN3
-IN3
OUT3
+VS
-VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com