Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3601 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CLC3601
Description  Dual, Triple, and Quad 550MHz Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3601 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CLC3601 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3601 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
3
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device should
not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper device func-
tion. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the operating
conditions noted on the tables and plots.
Parameter
Min
Max
Unit
Supply Voltage
0
+14 or ±7
V
Input Voltage Range
-Vs -0.5V
+Vs +0.5V
V
Reliability Information
Parameter
Min
Typ
Max
Unit
Junction Temperature
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10s)
260
°C
Package Thermal Resistance
8-Lead SOIC
100
°C/W
14-Lead SOIC
88
°C/W
Notes:
Package thermal resistance (qJA), JDEC standard, multi-layer test boards, still air.
ESD Protection
Product
SOIC-8
SOIC-14
Human Body Model (HBM)
2.5kV
2.5kV
Charged Device Model (CDM)
2kV
2kV
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Operating Temperature Range
-40
+85
°C
Supply Voltage Range
±4
±6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com