Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3802 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CLC3802
Description  Triple, Standard Definition Video Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3802 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CLC3802 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
4
Electrical Characteristics
TA = 25°C, Vs = +3V, input is DC-coupled, input source resistance = 37.5Ω, RL = 150Ω thru a 220μF AC-coupling capaci-
tor, VIN = 1Vpp; unless otherwise noted.
symbol
parameter
conditions
Min
typ
Max
units
Frequency Domain Response
F-1dB
-1dB Bandwidth
RL=150Ω, AC-coupled
7.6
MHz
RL=75Ω, DC-coupled
7.6
MHz
F-3dB
-3dB Bandwidth
RL=150Ω, AC-coupled
8.5
MHz
RL=75Ω, DC-coupled
8.5
MHz
FSB
Stopband Attenuation
at 27MHz, RL=150Ω, AC-coupled
48
dB
at 27MHz, RL=75Ω, DC-coupled
48
dB
DG
Differential Gain
NTSC (3.58MHz), AC-coupled
0.13
%
NTSC (3.58MHz), DC-coupled
0.05
%
NTSC (3.58MHz), DC-coupled, RL=75Ω
0.34
%
DP
Differential Phase
NTSC (3.58MHz), AC-coupled
0.05
°
NTSC (3.58MHz), DC-coupled
0.02
°
NTSC (3.58MHz), DC-coupled, RL=75Ω
0.2
°
Time Domain Response
GD
Group Delay
Delta delay between 400kHz and 3.58MHz
5.6
ns
PD
Propogation Delay
Delay from input to output, 4.5MHz
65
ns
Distortion/Noise Response
THD
Total Harmonic Distortion
VOUT = 2Vpp, 1MHz, active video range + sync
0.1
%
VOUT = 1.4Vpp, 3.58MHz, active video range
0.9
%
VOUT = 2Vpp, 1MHz, active video range +
sync, RL=75Ω, DC-coupled
0.1
%
VOUT= 1.4Vpp, 3.58MHz, active video range,
RL=75Ω, DC-coupled
0.9
%
SNR
Signal to Noise Ratio
NTC-7 Weighting 10kHz to 4.2MHz
68
dB
CLG
Chroma / Luma Gain
400kHz to 3.58MHz (NTSC)
±1
%
400kHz to 4.43MHz (PAL)
±1
%
XTALK
Crosstalk
Channel-to-channel at 1MHz
60
dB
Channel-to-channel at 1MHz, RL=75Ω, DC-coupled
58
dB
DC Performance
G
Gain(1)
DC, CLC3800, RL=75Ω, DC-coupled
5.7
6.0
6.3
dB
DC, CLC3801, RL=75Ω, DC-coupled
8.6
9.0
9.4
dB
DC, CLC3802, RL=75Ω, DC-coupled
TBD
12
TBD
dB
GMATCH
Inter-Channel Gain Matching(1)
400kHz, RL=75Ω, DC-coupled
0.08
0.2
dB
VOS
Output Offset Voltage(1)
VIN=0V, no load
230
330
390
mV
Ib
Input Bias Current(1)
VIN=0V, no load
1.4
5
µA
VIN
Input Voltage Range(1)
CLC3800
0 to 1.25
V
CLC3801
0 to 0.9
V
VO
Output Voltage, CLC3800(2)
VIN=1.1Vpp, RL=150Ω, AC-coupled
2.5
V
VIN=1.1Vpp, RL=75Ω, DC-coupled(1)
2.35
2.5
2.66
V
Output Voltage, CLC3801(2)
VIN=1.1Vpp, RL=150Ω, AC-coupled
2.5
V
VIN=1.1Vpp, RL=75Ω, DC-coupled(1)
2.32
2.5
2.69
V
Output Voltage, CLC3802(2)
VIN=1.1Vpp, RL=150Ω, AC-coupled
TBD
V
VIN=1.1Vpp, RL=75Ω, DC-coupled(1)
TBD
TBD
TBD
V
PSRR
Power Supply Rejection Ratio
DC , no load, VS = 3V to 5.5V
52
dB
IS
Supply Current(1)
No load, all 3 channels
8.8
15
mA
notes:
1. 100% tested at 25°C
2. Designed to handle SD video from -40°C to +125°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com