Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3802 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC3802
Description  Triple, Standard Definition Video Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3802 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC3802 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3802 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
©2008 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC3800, CLC3801, CLC3802
Triple, Standard Definition Video Amplifiers
Amplify the Human Experience
features
n
Integrated 4th-order, 8MHz filters
n
Integrated 6, 9, or 12dB video drivers
n
8.8mA total supply current
n
0.05%/0.02˚ differential gain/phase
error
n
DC coupled inputs
n
AC or DC coupled outputs
n
DC-coupled outputs remove the need
for AC-coupling capacitors
n
Each channel can drive 2Vpp into 1 or 2
video loads (150Ω or 75Ω)
n
0.1% THD
n
Operates from 3V to 7V supplies
n
Pb-free SOIC-8 or DFN-8 packages
a pplication s
n
Cable or satellite set-top-box (STB)
n
Portable DVD players
n
DVD players
n
Portable media players with video out
n
Video on demand
n
Personal video recorders
General Description
The CLC3800 (6dB), CLC3801 (9dB), and CLC3802 (12dB) are triple low cost
video amplifiers capable of driving 2Vpp into 1 (150Ω) or 2 (75Ω) video loads.
The CLC3800, CLC3801, and CLC3802 feature integrated 8MHz, 4th-order
low pass filters designed to cleanly pass standard definition video signals
while filtering out noise and other unwanted signals , resulting in a crisper,
cleaner video signal. The 4th-order filters provide improved image quality
when compared to 2nd-order passive filtering solutions.
The CLC3800 video amplifier offers a fixed gain of 6dB. This integrated
gain compensates for the voltage drop inherent in properly terminated video
loads; ensuring a 1Vpp video signal is present at the load. If additional gain
is required, the CLC3801 video amplifier offers a fixed gain of 9dB and the
CLC3802 offers 12dB.
All three video amplifiers can be driven by DC-coupled signals. Thier outputs
can drive either AC- or DC-coupled loads.
These video amplifiers operate from 3V to 7V supplies and consume 8.8mA of
supply current, making them well suited for battery powered devices.
Functional Block Diagram
Ordering Information
Part Number
Gain
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC3800ISO8X
6dB
SOIC-8
Yes
Yes
-40°C to +125°C
Reel
CLC3801ISO8X
9dB
SOIC-8
Yes
Yes
-40°C to +125°C
Reel
CLC3802ISO8X✝
12dB
SOIC-8
Yes
Yes
-40°C to +125°C
Reel
CLC3800ILP8X*
6dB
DFN-8
Yes
Yes
-40°C to +125°C
Reel
CLC3801ILP8X*
9dB
DFN-8
Yes
Yes
-40°C to +125°C
Reel
CLC3802ILP8X*
12dB
DFN-8
Yes
Yes
-40°C to +125°C
Reel
✝
Preliminary, contact CADEKA for availablility. *Future product offering.
Moisture sensitivity level for all parts is MSL-1.
IN1
OUT1
Gain
IN2
OUT2
Gain
IN3
OUT3
Gain
8MHz, 4th Order
Low Pass Filter
CLC3800 - 6dB
CLC3801 - 9dB
CLC3802 - 12dB


Similar Part No. - CLC3802

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
1Mb / 17P
Triple, Standard Definition Video Amplifiers
CLC3800ILP8X CADEKA-CLC3800ILP8X Datasheet
1Mb / 17P
Triple, Standard Definition Video Amplifiers
CLC3800ISO8X CADEKA-CLC3800ISO8X Datasheet
1Mb / 17P
Triple, Standard Definition Video Amplifiers
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
Triple, Standard Definition Video Amplifiers
CLC3801ISO8X CADEKA-CLC3801ISO8X Datasheet
1Mb / 17P
Triple, Standard Definition Video Amplifiers
More results

Similar Description - CLC3802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9586 MAXIM-MAX9586 Datasheet
413Kb / 18P
Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 3; 6/07
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9517 MAXIM-MAX9517 Datasheet
347Kb / 22P
Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Rev 0; 9/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9586_0710 MAXIM-MAX9586_0710 Datasheet
428Kb / 18P
Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 5; 10/07
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
Triple, Standard Definition Video Amplifiers
logo
Maxim Integrated Produc...
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
Standard Definition Video Driver
SV5108 SAVITECH-SV5108 Datasheet
382Kb / 9P
Standard Definition Video Driver
SV5108B SAVITECH-SV5108B Datasheet
333Kb / 8P
Standard Definition Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com