Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3802ISO8X Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # CLC3802ISO8X
Description  Triple, Standard Definition Video Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3802ISO8X Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button CLC3802ISO8X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
8
Layout Considerations
General layout and supply bypassing play major roles in
high frequency performance. CaDeKa has evaluation
boards to use as a guide for high frequency layout and as
aid in device testing and characterization. Follow the steps
below as a basis for high frequency layout:
• Include 1µF and 0.1µF ceramic capacitors for power sup-
ply decoupling
• Place the 6.8µF capacitor <0.75 inches of the power pin
• Place the 0.1µF capacitor <0.1 inches of the power pin
• Remove the ground plane near the input and output pins
to reduce parasitic capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts for more informa-
tion.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board
Products
CEB021
CLC3800, CLC3801, CLC3802 in
SOIC packages
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in Fig-
ures 9-11. Application Note AN-6 provides a detailed de-
scription of the evaluation board.
SHORT FOR CLC3800/CLC3801/CLC3802
Figure 9. CEB021 Schematic
Figure 10. CEB021 Top View
Figure 11. CEB006 Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com