Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3802ISO8X Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # CLC3802ISO8X
Description  Triple, Standard Definition Video Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3802ISO8X Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button CLC3802ISO8X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC3802ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
9
Typical Application Circuits
220µF
220µF
CLC3800
IN1
OUT1
IN2
IN3
OUT3
+Vs
OUT2
GND
75Ω
75Ω
75Ω
75Ω
220µF
75Ω
75Ω
Video Cables
Video
DAC/
Encoder
R or Y
B or PR
G or PB
DAC Load Resistors
per Video DAC/Encoder specs
AC-Coupling Caps
are Optional
DVD Player or STB
R
G
B
+3V or +5V
0.1µF
1.0µF
8
7
6
5
1
2
3
4
75Ω
Figure 11. Typical Configuration for Component Video (RGB, YPBPR, or YUV)
220µF
220µF
CLC3800
IN1
OUT1
IN2
IN3
OUT3
+Vs
OUT2
GND
75Ω
75Ω
75Ω
75Ω
220µF
75Ω
75Ω
Video Cables
Video
DAC/
Encoder
Y
CV
C
DAC Load Resistors
per Video DAC/Encoder specs
AC-Coupling Caps
are Optional
DVD Player or STB
Y
C
CV1
+3V or +5V
0.1µF
1.0µF
8
7
6
5
1
2
3
4
75Ω
220µF
75Ω
75Ω
CV2
Figure 11. Typical Configuration for Composite Video an extra composite output is available to drive an RF modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com