Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH560 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # KH560
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH560 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  KH560 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
s 120MHz bandwidth at +24dBm output
s Low distortion
(2nd/3rd: -60/-62dBc @ 20MHz and 10dBm)
s Output short circuit protection
s User-definable output impedance, gain,
and compensation
s Internal current limiting
s Direct replacement for CLC560
Applications
s Output amplification
s Arbitrary waveform generation
s ATE systems
s Cable/line driving
s Function generators
s SAW drivers
s Flash A/D driving and testing
General Description
The KH560 is a wideband DC coupled, amplifier that
combines high output drive and low distortion. At
an output of +24dBm (10Vpp into 50Ω), the -3dB
bandwidth is 120MHz. As illustrated in the table
below, distortion performance remains excellent
even when amplifying high-frequency signals to high
output power levels.
With the output current internally limited to 250mA,
the KH560 is fully protected against shorts to ground
and can, with the addition of a series limiting resistor
at the output, withstand shorts to the ±15V supplies.
The KH560 has been designed for maximum flexibility
in a wide variety of demanding applications. The
two resistors comprising the feedback network set
both the gain and the output impedance, without
requiring the series backmatch resistor needed by
most op amps. This allows driving into a matched
load without dropping half the voltage swing
through a series matching resistor. External compen-
sation allows user adjustment of the frequency
response. The KH560 is specified for both maximally
flat frequency response and 0% pulse overshoot
compensations.
The combination of wide bandwidth, high output
power, and low distortion, coupled with gain, output
impedance and frequency response flexibility, makes
the KH560 ideal for waveform generator applications.
Excellent stability driving capacitive loads yields
superior performance driving ADC’s, long transmission
lines, and SAW devices. A companion part, the
KH561, offers higher full power bandwidth for
broadband sinusoidal applications.
The KH560 is constructed using thin film resistor/bipolar
transistor technology, and is available in the following
versions:
KH560AI
-25°C to +85°C
24-pin Ceramic DIP
KH560AK
-55°C to +125°C
24-pin Ceramic DIP,
features burn-in
and hermetic testing
KH560AM
-55°C to +125°C
24-pin Ceramic DIP,
environmentally screened
and electronically tested
to MIL-STD-883
KH560
Wideband, Low Distortion Driver Amplifier
REV. 1A January 2004
Large Signal Pulse Response
Time (5ns/div)
2
Av = +20
Av = -20
Typical Distortion Performance
Output
20MHz
50MHz
100MHz
Power
2nd
3rd
2nd
3rd
2nd
3rd
10dBm
-60
-62
-50
-54
-54
-44
18dBm
-51
-48
-40
-40
-36
-29
24dBm
-46
-38
-33
-25
4
19
23
21
20
15
10
5
18
8
+
-
Compensation
Vo
-VCC
All undesignated
pins are internally
unconnected. May
be grounded if
desired.
+VCC
V+
V-
K
www.cadeka.com


Similar Part No. - KH560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH560 FAIRCHILD-KH560 Datasheet
182Kb / 13P
Wideband, Low Distortion Driver Amplifier
More results

Similar Description - KH560

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1304L MOTOROLA-MHW1304L Datasheet
49Kb / 2P
Low Distortion Wideband Reverse Amplifier Modules
logo
Fairchild Semiconductor
KH560 FAIRCHILD-KH560 Datasheet
182Kb / 13P
Wideband, Low Distortion Driver Amplifier
KH561 FAIRCHILD-KH561 Datasheet
182Kb / 13P
Wideband, Low Distortion Driver Amplifier
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
Wideband, Low Distortion DriveR-Amps
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Cadeka Microcircuits LL...
KH561 CADEKA-KH561 Datasheet
341Kb / 13P
Wideband, Low Distortion Driver Amplifier
KH563 CADEKA-KH563 Datasheet
265Kb / 13P
Wideband, Low Distortion Driver Amplifier
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com