Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH561 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # KH561
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH561 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button KH561 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 9Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 10Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 11Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 12Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
KH561 Package Dimensions
DATA SHEET
KH561
b1
A
L
D1
Pin #1
Index
Q
b
e
D
E
E1
C
A1
2
Symbol
Inches
Milimeters
Minimun
Maximum
Minimum
Maximum
A
0.225
5.72
A1
0.139
0.192
3.53
4.88
b
0.014
0.026
0.36
0.66
b1
0.050 BSC
1.27 BSC
c
0.008
0.018
0.20
0.46
D
1.190
1.290
30.23
32.77
D1
1.095
1.105
27.81
28.07
E
0.500
0.610
12.70
15.49
E1
0.600 BSC
15.24 BSC
e
0.100 BSC
2.54 BSC
L
0.165 BSC
4.19 BSC
Q
0.015
0.075
0.38
1.91
NOTES:
Seal: seam weld (AM, AK), epoxy (AI)
Lead finish: gold finish
Package composition:
Package: ceramic
Lid: kovar/nickel (AM, AK), ceramic (AI)
Leadframe: alloy 42
Die attach: epoxy
©
Life Support Policy
Cadeka’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of Cadeka Microcircuits, Inc.
As used herein:
1. Life support devices or systems are devices or systems which, a) are intended for surgical implant into the body, or b) support or sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect
its safety or effectiveness.
Cadeka does not assume any responsibility for use of any circuitry described, and Cadeka reserves the right at any time without notice to change said circuitry and specifications.
www.cadeka.com
© 2004 Cadeka Microcircuits, LLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com