Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH561 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # KH561
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH561 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  KH561 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH561 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DATA SHEET
KH561
4
REV. 1A January 2004
KH561 Typical Performance Characteristics (TA = +25°C, Circuit in Figure 1; unless specified)
Small Signal Gain and Phase
Frequency (MHz)
5
6
8
10
12
14
16
0
50
100
150
200
250
Maximally Flat
0
-90
-360
-180
-270
0% Overshoot
Gain
Phase
Po = 10dBm
Frequency Response vs. Gain
Frequency (MHz)
5
0
50
100
150
200
250
Po = 10dBm
Av = 10
Av = 5
Av = 15
Av = 20
Re-compensated at
each gain (see text)
Frequency Response vs. Output Power
Frequency (MHz)
5
16
12
6
0
40
80
120
160
200
10
8
14
Po = 10dBm
Vo = 2Vpp
Po = 24dBm
Vo = 10Vpp
Po = 27.5dBm
Vo = 15Vpp
Po = 18dBm
Vo = 5Vpp
Frequency Response vs. RL
Frequency (MHz)
5
0
50
100
150
200
250
Pi = -4dBm
RL = 50Ω
RL = 25Ω
RL = 75Ω
RL = 100Ω
Fixed gain and
compensated vs. load
Frequency Response vs. Power Supply
Frequency (MHz)
5
0
50
100
150
200
250
Po = 10dBm
±V
CC = 18
±V
CC = 12
±V
CC = 15
±V
CC = 10
16
12
6
10
8
14
Re-compensated at
each supply voltage
Frequency Response vs. Ro
Frequency (MHz)
5
0
50
100
150
200
250
Pi = -4dBm
Ro = 50Ω
Ro = 25Ω
Ro = 75Ω
Ro = 100Ω
Response measured with matched load
Re-compensated at each Ro
Frequency Response vs. Gain (Ro, RL = 75Ω)
Frequency (MHz)
5
0
50
100
150
200
250
Vo = 2Vpp
Av = 5
Av = 10
Av = 15
Av = 20
Re-compensated
at each gain
Gain Flatness/Deviation from Linear Phase
Frequency (MHz)
5
0
20
40
60
80
100
Gain
Phase
Po = 10dBm
Internal Current Gain and Phase
Frequency (MHz)
5
-30
-20
0
20
30
10
0
100
200
300
400
500
180
90
-180
0
-90
Gain
Phase
-10
Cx = 0
RL = 0
Phase consistant with current
polarity connection of Figure 3
Two Tone, 3rd-Order Intermodulation
Frequency (MHz)
5
45
35
20
0
20
40
60
80
100
30
25
40
Av = 15
Av = 5
Av = 10
Av = 20
Re-compensated
at each gain
2nd Harmonic Distortion vs. Frequency
Output Power (dB)
5
-25
-45
-75
4
8
12
16
20
24
-55
-65
-35
50MHz
10MHz
20MHz
100MHz
3rd Harmonic Distortion vs. Frequency
Output Power (dB)
5
-25
-45
-75
4
8
12
16
20
24
-55
-65
-35
50MHz
10MHz
20MHz
100MHz
Frequency Response Driving CL
Frequency (MHz)
5
0
50
100
150
200
250
Av = +5
Ro = 25
Vo = 2Vpp
CL = 100pF
CL = 20pF
CL = 50pF
Re-compensated
at each CL
2nd Harmonic Distortion Driving CL
Frequency (MHz)
5
10
20
30
40
50
100
Av = +5
Ro = 25
Vo = 2Vpp
CL = 100pF
CL = 20pF
CL = 50pF
70
-80
-70
-60
-50
-40
-30
Compensation as shown in
Frequency Response plot
3rd Harmonic Distortion Driving CL
Frequency (MHz)
5
10
20
30
40
50
100
Av = +5
Ro = 25
Vo = 2Vpp
CL = 100pF
CL = 20pF
CL = 50pF
70
-80
-70
-60
-50
-40
-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com