Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16W Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAS16W
Description  Silicon Epitaxial Planar Small Signal Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS16W Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAS16W Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAS16W Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 02/08/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BAS16W
Silicon Epitaxial Planar Small Signal Diode
High Speed Switching Diode
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
85
V
Continuous Reverse Voltage
VR
75
V
Continuous Forward Current (at TS = 90 OC)
IF
155
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-repetitive Peak Forward Current
at Square Wave; Tj = 25 OC Prior to Surge t = 1 µs
t = 1 ms
t = 1 s
IFSM
4
1
0.5
A
Total Power Dissipation (at TS = 90 OC)
Ptot
170
mW
Thermal Resistance from Junction to Soldering Point
Rth j-S
350
K/W
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25
OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
VF
VF
VF
VF
715
855
1000
1250
mV
mV
mV
mV
Reverse Current
at VR = 25 V
at VR = 75 V
at VR = 25 V, TJ = 150 OC
at VR = 75 V, TJ = 150 OC
IR
IR
IR
IR
30
1
30
50
nA
µA
µA
µA
Diode Capacitance
at f = 1 MHz
CD
1.5
pF
Reverse Recovery Time
when switched from IF = 10 mA to IR = 10 mA,
RL = 100 Ω; measured at IR = 1 mA
trr
4
ns
Forward Recovery Voltage
when switched from IF = 10 mA, tr = 20 ns
Vfr
1.75
V
Marking Code: A6
1
3
2


Similar Part No. - BAS16W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16W PANJIT-BAS16W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16W PHILIPS-BAS16W Datasheet
57Kb / 12P
High-speed diode
1999 May 06
logo
Won-Top Electronics
BAS16W WTE-BAS16W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
Silicon Switching Diode (For high speed switching applications)
logo
Diodes Incorporated
BAS16W DIODES-BAS16W Datasheet
58Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30094 Rev. 12 - 2
More results

Similar Description - BAS16W

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2021 ROHM-2SC2021 Datasheet
309Kb / 4P
General Small Signal Amp. Epitaxial Planar NPN Silicon Transistors
logo
Diotec Semiconductor
BAS16 DIOTEC-BAS16 Datasheet
179Kb / 2P
Surface Mount Silicon Planar Small-Signal Diode
BAS19 DIOTEC-BAS19 Datasheet
180Kb / 2P
Surface Mount Silicon Planar Small-Signal Diode
logo
SEMTECH ELECTRONICS LTD...
MMBTA06 SEMTECH_ELEC-MMBTA06 Datasheet
171Kb / 2P
NPN Silicon Epitaxial Planar Small Signal Transistor
1N4148WS SEMTECH_ELEC-1N4148WS Datasheet
368Kb / 4P
SILICON EPITAXIAL PLANAR SMALL SIGNAL DIODE
1N4151W SEMTECH_ELEC-1N4151W Datasheet
323Kb / 4P
Silicon Epitaxial Planar Small Signal Diode
1N4148W SEMTECH_ELEC-1N4148W Datasheet
231Kb / 3P
Silicon Epitaxial Planar Small Signal Diode
logo
Daya Electric Group Co....
1N4148W DAYA-1N4148W Datasheet
121Kb / 3P
Silicon Epitaxial Planar Small Signal Diode
logo
Thinki Semiconductor Co...
1N4148WS THINKISEMI-1N4148WS Datasheet
977Kb / 3P
200mW Silicon Epitaxial Planar Small Signal Fast Switching Diode
1SS355 THINKISEMI-1SS355 Datasheet
822Kb / 3P
200mW Silicon Epitaxial Planar Small Signal Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com