Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet (PDF) - Diotec Semiconductor

BAS16 Datasheet PDF - Diotec Semiconductor
Part # BAS16
Download  BAS16 Download
File Size   179.72 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Silicon Planar Small-Signal Diode

BAS16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16 Datasheet PDF - Diotec Semiconductor

Part # BAS16
Download  BAS16 Click to download

File Size   179.72 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Silicon Planar Small-Signal Diode

BAS16 Datasheet (HTML) - Diotec Semiconductor


BAS16 Product details

Features
   Very high switching speed Low junction capacitance Low leakage current Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
   Signal processing, High-speed Switching, Rectifying Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                MSL = 1




Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS19 DIOTEC-BAS19 Datasheet
180Kb / 2P
Surface Mount Silicon Planar Small-Signal Diode
logo
SEMTECH ELECTRONICS LTD...
1N4148WS SEMTECH_ELEC-1N4148WS Datasheet
368Kb / 4P
SILICON EPITAXIAL PLANAR SMALL SIGNAL DIODE
BAS16W SEMTECH_ELEC-BAS16W Datasheet
188Kb / 2P
Silicon Epitaxial Planar Small Signal Diode
1N4151W SEMTECH_ELEC-1N4151W Datasheet
323Kb / 4P
Silicon Epitaxial Planar Small Signal Diode
1N4148W SEMTECH_ELEC-1N4148W Datasheet
231Kb / 3P
Silicon Epitaxial Planar Small Signal Diode
logo
Daya Electric Group Co....
1N4148W DAYA-1N4148W Datasheet
121Kb / 3P
Silicon Epitaxial Planar Small Signal Diode
logo
Silicon Standard Corp.
LL4148 SSC-LL4148 Datasheet
318Kb / 2P
Surface-mount Small-signal Diode
logo
CHENG-YI ELECTRONIC CO....
MCL4148 CHENG-YI-MCL4148 Datasheet
85Kb / 4P
SURFACE MOUNT SMALL SIGNAL DIODE
MM4148 CHENG-YI-MM4148 Datasheet
80Kb / 3P
SURFACE MOUNT SMALL SIGNAL DIODE
MM4448 CHENG-YI-MM4448 Datasheet
80Kb / 3P
SURFACE MOUNT SMALL SIGNAL DIODE
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com