Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS16
Description  Surface Mount Silicon Planar Small-Signal Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS16 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS16 Datasheet HTML 1Page - Diotec Semiconductor BAS16 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
1
11.03.2003
BAS 16
Surface Mount Silicon Planar
Silizium-Planar-Diode
Small-Signal Diode
für die Oberflächenmontage
Nominal current – Nennstrom
250 mA
Repetitive peak reverse voltage
85 V
Periodische Spitzensperrspannung
Plastic case
SOT-23
Kunststoffgehäuse
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Dimensions / Maße in mm
1 = anode
2 = n. c. / frei
3 = cathode
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle siehe Seite 18
Maximum ratings
Grenzwerte
Repetitive peak reverse voltage
V
RRM
85 V
Periodische Spitzensperrspannung
Max. average forward current
I
FAV
250 mA 1)
Dauergrenzstrom
Repetitive peak forward current
f > 15 Hz
I
FRM
450 mA 1)
Periodischer Spitzenstrom
Peak forward surge current
T
j = 25
/Ct
p = 1
:s
I
FSM
2 A
Stoßstrom-Grenzwert
Operating junction temperature – Sperrschichttemperatur
T
j
– 65...+ 150
/C
Storage temperature – Lagerungstemperatur
T
S
– 65...+ 150
/C
Characteristics
Kennwerte
Forward voltage
T
j = 25
/CI
F = 1 mA
V
F
< 715 mV
Durchlaßspannung
I
F = 10 mA
V
F
< 855 mV
I
F = 50 mA
V
F
< 1.0 V
I
F = 0.15 A
V
F
< 1.25 V
Leakage current
T
j = 25
/CV
R = 75 V
I
R
< 1
:A
Sperrstrom
T
j = 150
/CV
R = 25 V
I
R
< 30
:A
T
j = 150
/CV
R = 75 V
I
R
< 50
:A


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS19 DIOTEC-BAS19 Datasheet
180Kb / 2P
Surface Mount Silicon Planar Small-Signal Diode
logo
SEMTECH ELECTRONICS LTD...
1N4148WS SEMTECH_ELEC-1N4148WS Datasheet
368Kb / 4P
SILICON EPITAXIAL PLANAR SMALL SIGNAL DIODE
BAS16W SEMTECH_ELEC-BAS16W Datasheet
188Kb / 2P
Silicon Epitaxial Planar Small Signal Diode
1N4151W SEMTECH_ELEC-1N4151W Datasheet
323Kb / 4P
Silicon Epitaxial Planar Small Signal Diode
1N4148W SEMTECH_ELEC-1N4148W Datasheet
231Kb / 3P
Silicon Epitaxial Planar Small Signal Diode
logo
Daya Electric Group Co....
1N4148W DAYA-1N4148W Datasheet
121Kb / 3P
Silicon Epitaxial Planar Small Signal Diode
logo
Silicon Standard Corp.
LL4148 SSC-LL4148 Datasheet
318Kb / 2P
Surface-mount Small-signal Diode
logo
CHENG-YI ELECTRONIC CO....
MCL4148 CHENG-YI-MCL4148 Datasheet
85Kb / 4P
SURFACE MOUNT SMALL SIGNAL DIODE
MM4148 CHENG-YI-MM4148 Datasheet
80Kb / 3P
SURFACE MOUNT SMALL SIGNAL DIODE
MM4448 CHENG-YI-MM4448 Datasheet
80Kb / 3P
SURFACE MOUNT SMALL SIGNAL DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com