Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR151 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # FR151
Description  FAST SWITCHING PLASTIC RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

FR151 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  FR151 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 11/11/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
FR151 THRU FR157
FAST SWITCHING PLASTIC RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 1.5 Amperes
Features
•
High current capability.
•
1.5 ampere operation at TA=50
oC with no thermal
• runaway.
•
Low leakage.
Mechanical Data
•
Case: Molded plastic, DO-15
•
Terminals: Plated axial leads, solderable per
•
MIL-STD-202, method 208
•
Polarity: Color band denotes cathode
•
Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25
0C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz. resistive or inductive
load. For capacitive load, derate current by 20%.
Symbols
FR151
FR152
FR153
FR154
FR155
FR156
FR157
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VCD
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
375”(9.5mm) lead length at TA = 55
OC
I(AV)
1.5
A
Peak forward surge current IFM (surge)
8.3ms single half sine-wave superimposed
on rated load (JEDEC method)
IFSM
50
A
Maximum forward voltage at 1.5A DC
VF
1.3
V
Maximum reverse current
at rated DC blocking voltage
TJ = 25
OC
TJ = 100
OC
IR
5
500
µA
Typical junction capacitance (Note 1)
CJ
25
pF
Typical thermal resistance (Note 3)
R
θ
JL
45
OC/W
Maximum reverse recovery time(Note 2)
Trr
150
150
150
150
250
500
500
ns
Operating and storage temperature range
TJ ,TS
-55 to +150
OC
Notes:
(1) Measured at 1MHZ and applied reverse voltage of 4 VDC.
(2) Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375”(9.5mm) lead length P.C.B
mounted.


Similar Part No. - FR151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
1.5A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR151 ZOWIE-FR151 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR151 RECTRON-FR151 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Jinan Gude Electronic D...
FR151 JGD-FR151 Datasheet
136Kb / 2P
1.5 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR151 BYTES-FR151 Datasheet
152Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR151

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N4933 SEMTECH_ELEC-1N4933 Datasheet
141Kb / 1P
FAST SWITCHING PLASTIC RECTIFIERS
logo
Continental Device Indi...
BA157 CDIL-BA157 Datasheet
312Kb / 5P
FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA157 LRC-BA157_15 Datasheet
200Kb / 7P
Fast Switching Plastic Rectifiers
BA157G LRC-BA157G_15 Datasheet
199Kb / 7P
Fast Switching Plastic Rectifiers
BA158 LRC-BA158_15 Datasheet
200Kb / 7P
Fast Switching Plastic Rectifiers
BA158G LRC-BA158G_15 Datasheet
199Kb / 7P
Fast Switching Plastic Rectifiers
BA159 LRC-BA159_15 Datasheet
352Kb / 3P
Fast Switching Plastic Rectifiers
BA159D LRC-BA159D_15 Datasheet
200Kb / 7P
Fast Switching Plastic Rectifiers
BA159DG LRC-BA159DG_15 Datasheet
199Kb / 7P
Fast Switching Plastic Rectifiers
BA159G LRC-BA159G_15 Datasheet
198Kb / 3P
Fast Switching Plastic Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com