Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # LL4148
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LL4148 Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  LL4148 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LL4148 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. LL4148 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. LL4148 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 15/09/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
LL4148
Admissible repetitive peak forward current versus pulse duration
Valid provided that electrodes are kept at ambient temperature
LL 4148
Tj
VR=20V
10
0.1
v=0
1
4
5
2
0.1
3
10 -5
2
0.5
5
3
4
2
10
4
3
5
2
IFRM
0.2
5
10 -4
25
0
100
A
10
2
5
1
2
5
10 2
100
Leakage current
versus junction temperature
4
5
nA
3
5
2
2
IR
10
10
T=1/fp
I
v=tp/T
5
tp
-3
2
10
5
-2
10
25
-1
2
tp
10 s
1
25
T
IFRM
t
o
200 C
LL 4148



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com