Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # LL4148
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LL4148 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  LL4148 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LL4148 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. LL4148 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. LL4148 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 15/09/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
LL4148
SILICON EPITAXIAL PLANAR DIODE
fast switching diode in MiniMELF case especially
suited for automatic surface mounting
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
100
V
Reverse Voltage
VR
75
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-repetitive Peak Forward Surge Current
at t = 1 s
at t = 1 ms
at t = 1 µs
IFSM
0.5
1
4
A
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 65 to + 175
O
C
1) Valid provided that electrodes are kept at ambient temperature.
LL-34


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com