Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC574A Datasheet(PDF) 6 Page - Texas Instruments

Part # LVC574A
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC574A Datasheet(HTML) 6 Page - Texas Instruments

Back Button LVC574A Datasheet HTML 2Page - Texas Instruments LVC574A Datasheet HTML 3Page - Texas Instruments LVC574A Datasheet HTML 4Page - Texas Instruments LVC574A Datasheet HTML 5Page - Texas Instruments LVC574A Datasheet HTML 6Page - Texas Instruments LVC574A Datasheet HTML 7Page - Texas Instruments LVC574A Datasheet HTML 8Page - Texas Instruments LVC574A Datasheet HTML 9Page - Texas Instruments LVC574A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SN54LVC574A, SN74LVC574A
OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS301R − JANUARY 1993 − REVISED MARCH 2005
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
SN74LVC574A
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
−40 TO 85
°C
−40 TO 125
°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH = −100 µA
1.65 V to 3.6 V
VCC − 0.2
VCC − 0.2
VCC − 0.2
IOH = −4 mA
1.65 V
1.29
1.2
1.2
VOH
IOH = −8 mA
2.3 V
1.9
1.7
1.7
V
VOH
IOH = −12 mA
2.7 V
2.2
2.2
2.2
V
IOH = −12 mA
3 V
2.4
2.4
2.4
IOH = −24 mA
3 V
2.3
2.2
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.1
0.2
0.2
IOL = 4 mA
1.65 V
0.24
0.45
0.45
VOL
IOL = 8 mA
2.3 V
0.3
0.7
0.7
V
VOL
IOL = 12 mA
2.7 V
0.4
0.4
0.4
V
IOL = 24 mA
3 V
0.55
0.55
0.55
II
VI = 5.5 V or GND
3.6 V
±1
±5
±5
µA
Ioff
VI or VO = 5.5 V
0
±4
±10
±10
µA
IOZ
VI = 0 to 5.5 V
3.6 V
±1
±10
±10
µA
ICC
VI = VCC or GND
IO = 0
3.6 V
1.5
10
10
A
ICC
3.6 V
≤ VI ≤ 5.5 V†
IO = 0
3.6 V
1.5
10
10
µA
∆ICC
One input at VCC − 0.6 V,
Other inputs at VCC or
GND
2.7 V to 3.6 V
500
500
500
µA
Ci
VI = VCC or GND
3.3 V
4
pF
Co
VO = VCC or GND
3.3 V
5.5
pF
† This applies in the disabled state only.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVC574A
VCC
−55 TO 125
°C
UNIT
VCC
MIN
MAX
UNIT
fclock
Clock frequency
2.7 V
150
MHz
fclock
Clock frequency
3.3 V
± 0.3 V
150
MHz
tw
Pulse duration, CLK high or low
2.7 V
3.3
ns
tw
Pulse duration, CLK high or low
3.3 V
± 0.3 V
3.3
ns
tsu
Setup time, data before CLK
↑
2.7 V
2
ns
tsu
Setup time, data before CLK
↑
3.3 V
± 0.3 V
2
ns
th
Hold time, data after CLK
↑
2.7 V
2
ns
th
Hold time, data after CLK
↑
3.3 V
± 0.3 V
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com