Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC574A Datasheet(PDF) 4 Page - Texas Instruments

Part # LVC574A
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC574A Datasheet(HTML) 4 Page - Texas Instruments

  LVC574A Datasheet HTML 1Page - Texas Instruments LVC574A Datasheet HTML 2Page - Texas Instruments LVC574A Datasheet HTML 3Page - Texas Instruments LVC574A Datasheet HTML 4Page - Texas Instruments LVC574A Datasheet HTML 5Page - Texas Instruments LVC574A Datasheet HTML 6Page - Texas Instruments LVC574A Datasheet HTML 7Page - Texas Instruments LVC574A Datasheet HTML 8Page - Texas Instruments LVC574A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SN54LVC574A, SN74LVC574A
OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS301R − JANUARY 1993 − REVISED MARCH 2005
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 7)
SN54LVC574A
−55 TO 125
°C
UNIT
MIN
MAX
UNIT
VCC
Supply voltage
Operating
2
3.6
V
VCC
Supply voltage
Data retention only
1.5
V
VIH
High-level input voltage
VCC = 2.7 V to 3.6 V
2
V
VIL
Low-level input voltage
VCC = 2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
5.5
V
VO
Output voltage
High or low state
0
VCC
V
VO
Output voltage
3−state
0
5.5
V
IOH
High-level output current
VCC = 2.7 V
−12
mA
IOH
High-level output current
VCC = 3 V
−24
mA
IOL
Low-level output current
VCC = 2.7 V
12
mA
IOL
Low-level output current
VCC = 3 V
24
mA
∆t/∆v
Input transition rise or fall rate
6
ns/V
NOTE 7: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
recommended operating conditions (see Note 7)
SN74LVC574A
TA = 25°C
−40 TO 85
°C
−40 TO 125
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
3.6
1.65
3.6
1.65
3.6
V
VCC
Supply voltage
Data retention only
1.5
1.5
1.5
V
High-level input
VCC = 1.65 V to 1.95 V
0.65
× VCC
0.65
× VCC
0.65
× VCC
VIH
High-level input
voltage
VCC = 2.3 V to 2.7 V
1.7
1.7
1.7
V
VIH
voltage
VCC = 2.7 V to 3.6 V
2
2
2
V
Low-level input
VCC = 1.65 V to 1.95 V
0.35
× VCC
0.35
× VCC
0.35
× VCC
VIL
Low-level input
voltage
VCC = 2.3 V to 2.7 V
0.7
0.7
0.7
V
VIL
voltage
VCC = 2.7 V to 3.6 V
0.8
0.8
0.8
V
VI
Input voltage
0
5.5
0
5.5
0
5.5
V
VO
Output voltage
High or low state
0
VCC
0
VCC
0
VCC
V
VO
Output voltage
3−state
0
5.5
0
5.5
0
5.5
V
VCC = 1.65 V
−4
−4
−4
IOH
High-level
VCC = 2.3 V
−8
−8
−8
mA
IOH
High-level
output current
VCC = 2.7 V
−12
−12
−12
mA
output current
VCC = 3 V
−24
−24
−24
VCC = 1.65 V
4
4
4
IOL
Low-level
VCC = 2.3 V
8
8
8
mA
IOL
Low-level
output current
VCC = 2.7 V
12
12
12
mA
output current
VCC = 3 V
24
24
24
∆t/∆v
Input transition rise or fall rate
6
6
6
ns/V
NOTE 7: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com